Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP1177 Datasheet(PDF) 21 Page - Analog Devices

Part # OP1177
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177 Datasheet(HTML) 21 Page - Analog Devices

Back Button OP1177_09 Datasheet HTML 16Page - Analog Devices OP1177_09 Datasheet HTML 17Page - Analog Devices OP1177_09 Datasheet HTML 18Page - Analog Devices OP1177_09 Datasheet HTML 19Page - Analog Devices OP1177_09 Datasheet HTML 20Page - Analog Devices OP1177_09 Datasheet HTML 21Page - Analog Devices OP1177_09 Datasheet HTML 22Page - Analog Devices OP1177_09 Datasheet HTML 23Page - Analog Devices OP1177_09 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
OP1177/OP2177/OP4177
Rev. G | Page 21 of 24
REALIZATION OF ACTIVE FILTERS
BAND-PASS KRC OR SALLEN-KEY FILTER
The low offset voltage and the high CMRR of the OPx177 make
it an excellent choice for precision filters, such as the band-pass
KRC filter shown in Figure 67. This filter type offers the capability
to tune the gain and the cutoff frequency independently.
Because the common-mode voltage into the amplifier varies with
the input signal in the KRC filter circuit, a high CMRR is required
to minimize distortion. Also, the low offset voltage of the OPx177
allows a wider dynamic range when the circuit gain is chosen to
be high.
The circuit of Figure 67 consists of two stages. The first stage is
a simple high-pass filter where the corner frequency (fC) is
C1C2R1R2
π
2
1
(2)
and
R2
R1
K
Q
=
(3)
where K is the dc gain.
Choosing equal capacitor values minimizes the sensitivity and
simplifies Equation 2 to
R1R2
C
π
2
1
The value of Q determines the peaking of the gain vs. frequency
(ringing in transient response). Commonly chosen values for Q
are generally near unity.
Setting
2
1
Q
=
yields minimum gain peaking and minimum
ringing. Determine values for R1 and R2 by using Equation 3.
For
,
2
1
Q
=
R1/R2 = 2 in the circuit example. Select R1 = 5 kΩ
and R2 = 10 kΩ for simplicity.
The second stage is a low-pass filter where the corner frequency
can be determined in a similar fashion. For R3 = R4 = R
C4
C3
Q
C4
C3
πR
f
C
2
1
and
2
1
=
=
CHANNEL SEPARATION
Multiple amplifiers on a single die are often required to reject
any signals originating from the inputs or outputs of adjacent
channels. OP2177 input and bias circuitry is designed to prevent
feedthrough of signals from one amplifier channel to the other.
As a result, the OP2177 has an impressive channel separation of
greater than −120 dB for frequencies up to 100 kHz and greater
than −115 dB for signals up to 1 MHz.
C3
680pF
1/2
OP2177
7
8
6
5
4
V+
V–
1/2
OP2177
1
2
3
R2
10kΩ
V1
+
–
R1
20kΩ
C2
10nF
C1
10nF
R3
33kΩ
R4
33kΩ
C4
330pF
VOUT
Figure 67. Two-Stage, Band-Pass KRC Filter
1
2
3
1/2
OP2177
100Ω
10kΩ
1/2
OP2177
7
8
6
5
4
V+
V–
+
–
V1
50mV
Figure 68. Channel Separation Test Circuit
REFERENCES ON NOISE DYNAMICS
AND FLICKER NOISE
S. Franco, Design with Operational Amplifiers and Analog
Integrated Circuits. McGraw-Hill, 1998.
Analog Devices, Inc., The Best of Analog Dialogue, 1967 to
1991. Analog Devices, Inc., 1991.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com