Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01AJ/883C Datasheet(PDF) 8 Page - Analog Devices

Part # REF01AJ/883C
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01AJ/883C Datasheet(HTML) 8 Page - Analog Devices

Back Button REF01AJ/883C Datasheet HTML 4Page - Analog Devices REF01AJ/883C Datasheet HTML 5Page - Analog Devices REF01AJ/883C Datasheet HTML 6Page - Analog Devices REF01AJ/883C Datasheet HTML 7Page - Analog Devices REF01AJ/883C Datasheet HTML 8Page - Analog Devices REF01AJ/883C Datasheet HTML 9Page - Analog Devices REF01AJ/883C Datasheet HTML 10Page - Analog Devices REF01AJ/883C Datasheet HTML 11Page - Analog Devices REF01AJ/883C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REF01
Rev. H | Page 8 of 12
APPLICATIONS
U1
REF01
VIN
VOUT
TEMP TRIM
GND
VIN
VO
pot
10k
Ω
R2
1k
Ω
R1
470k
Ω
Figure 12. Output Adjustment
The REF01 trim terminal can be used to adjust the output
voltage over a 10 V ± 300 mV range. This feature lets the
system designer trim system errors by setting the reference
to a voltage other than 10 V. The output also can be set exactly
to 10.000 V or to 10.240 V for binary applications.
Adjustment of the output does not significantly affect the
temperature performance of the device. The temperature
coefficient change is approximately 0.7 ppm/°C for 100 mV
of output adjustment.
VIN
GND
–18V
+18V
REF01
Figure 13. Burn-In Circuit
REF01
DAC08
OP02
0.1
µF
+15V
4
6
5
10k
Ω
5k
Ω
5k
Ω
5k
Ω
+15V
–15V
–15V
+15V
EO
LSB
MSB
2
B1 B2 B3 B4 B5 B6 B7 B8
V+
V–
CC VLC
lO
2
4
lO
B1 B2 B3 B4 B5 B6 B7 B8
E
POS. FULL SCALE –1LSB
1
1
1
1
1
1
1
1
+4.960
ZERO SCALE
1
0
0
0
0
0
0
0
0.000
NEG. FULL SCALE +1LSB
0
0
0
0
0
0
0
1
–4.960
NEG. FULL SCALE
0
0
0
0
0
0
0
0
–5.000
VIN V
O
GND
Figure 14. Burn-In Circuit
GND
REF01
VO
VIN
TRIM
+
–
10V
100k
Ω
1.1mA
2
6
5
4
9V
9V
0.1
µF
Figure 15. Precision Calibration Standard
VIN
GND
TRIM
VO
REF01
15V
2
6
5
4
R
IOUT
IOUT =
10V
R
+ 1mA
VOLTAGE COMPLIANCE: –25V TO +3V
Figure 16. Current Source
2
+15V
4
DAC08
+15V
3.9M
Ω
5k
Ω
REF01
5k
Ω
5k
Ω
1k
Ω
–15V +15V
–15V
SERIAL
OUTPUT
START
CONVERSION
COMPLETE
TTL CLOCK
INPUT 2.25MHz
CONNECT START TO
CONVERSION COMPLETE
FOR CONTINUOUS
CONVERSION
0.1
µF
0.01
µF
B1
B2
B3
B4
B5
B6
B7
B8
5
6
14
15
7
6
58 9 10 11 12 1
3
4
5
6
11
12
13
14
1
10
2
9
7
2
4
3
2
1
4
7
8
16
GND
VIN
VO
CC
IO
IO
313
CMP01C
TRIM
ANALOG
INPUT
0V TO +10V
AM2592
SUCCESSIVE-
APPROXIMATION
REGISTER
Figure 17. DAC Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com