Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01FS-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # TMP01FS-REEL
Description  Low Power Programmable Temperature Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01FS-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button TMP01FS-REEL Datasheet HTML 3Page - Analog Devices TMP01FS-REEL Datasheet HTML 4Page - Analog Devices TMP01FS-REEL Datasheet HTML 5Page - Analog Devices TMP01FS-REEL Datasheet HTML 6Page - Analog Devices TMP01FS-REEL Datasheet HTML 7Page - Analog Devices TMP01FS-REEL Datasheet HTML 8Page - Analog Devices TMP01FS-REEL Datasheet HTML 9Page - Analog Devices TMP01FS-REEL Datasheet HTML 10Page - Analog Devices TMP01FS-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TMP01
Rev. E | Page 7 of 20
100
1M
1k
100k
10k
–20
100
40
20
0
60
80
FREQUENCY (Hz)
V+ = 5V
IVREF = 10µA
Figure 9. VREF Power Supply Rejection vs. Frequency
1.0
0.1
0.01
V+ = 5V
IVREF = 7.5µA
Figure 10. Set High, Set Low Input Offset Voltage vs. Temperature
8
0
2
1
4
3
5
6
7
–0.4
–0.24
–0.32
0
–0.16
0.16
–0.08
0.08
OFFSET (mV)
V+ = 5V
TA = 25°C
IVREF = 5µA
Figure 11. Comparator Input Offset Distribution
7.2
7
6.2
6.8
6.6
8
6.4
7.8
7.6
7.4
REFERENCE CURRENT (µA)
10
0
2
1
4
3
5
6
7
8
9
V+ = 5V
TA = 25°C
Figure 12. Zero Hysteresis Current Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com