Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP01FJ Datasheet(PDF) 16 Page - Analog Devices

Part # TMP01FJ
Description  Low Power Programmable Temperature Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01FJ Datasheet(HTML) 16 Page - Analog Devices

Back Button TMP01FJ Datasheet HTML 12Page - Analog Devices TMP01FJ Datasheet HTML 13Page - Analog Devices TMP01FJ Datasheet HTML 14Page - Analog Devices TMP01FJ Datasheet HTML 15Page - Analog Devices TMP01FJ Datasheet HTML 16Page - Analog Devices TMP01FJ Datasheet HTML 17Page - Analog Devices TMP01FJ Datasheet HTML 18Page - Analog Devices TMP01FJ Datasheet HTML 19Page - Analog Devices TMP01FJ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TMP01
Rev. E | Page 16 of 20
TRANSLATING 5 mV/K TO 10 mV/°C
A useful circuit shown in Figure 31 translates the VPTAT
output voltage, which is calibrated in Kelvins, into an output
that can be read directly in degrees Celsius on a voltmeter
display.
To accomplish this, an external amplifier is configured as a
differential amplifier. The resistors are scaled so the VREF
voltage exactly cancels the VPTAT voltage at 0.0°C.
5
1
+15V
–15V
10pF
VOUT = (10mV/°C)
(VOUT = 0.0V @ T = 0.0°C)
VPTAT
VREF
TMP01
OP177
7
4
3
6
2
100k
Ω
100k
Ω
105k
Ω
4.22k
Ω
4.12k
Ω
487
Ω
Figure 31. Translating 5 mV/K to 10 mV/°C
However, the gain from VPTAT to the output is two, so that
5 mV/K becomes 10 mV/°C. Thus, for a temperature of 80°C,
the output voltage is 800 mV. Circuit errors will be due prima-
rily to the inaccuracies of the resistor values. Using 1% resistors,
the observed error was less than 10 mV, or 1°C. The 10 pF
feedback capacitor helps to ensure against oscillations. For
better accuracy, an adjustment potentiometer can be added in
series with either 100 kΩ resistor.
TRANSLATING VPTAT TO THE FAHRENHEIT SCALE
A similar circuit to the one shown in Figure 31 can be used
to translate VPTAT into an output that can be read directly in
degrees Fahrenheit, with a scaling of 10 mV/°F. Only unity gain
or less is available from the first stage differentiating circuit, so
the second amplifier provides a gain of two to complete the
conversion to the Fahrenheit scale. Using the circuit in Figure 32,
a temperature of 0.0°F gives an output of 0.00 V. At room temp-
erature (70°F), the output voltage is 700 mV. A −40°C to +85°C
operating range translates into −40°F to +185°F. The errors are
essentially the same as for the circuit in Figure 31.
5
1
+15V
–15V
10pF
VOUT = 0.0V @ T = 0.0°F
(10mV/°F)
VPTAT
VREF
TMP01
1/2
OP297
7
4
3
6
2
100k
Ω
100k
Ω
90.9k
Ω
1.0k
Ω
1/2
OP297
5
7
6
100k
Ω
6.49k
Ω
121
Ω
100k
Ω
Figure 32. Translating 5 mV/K to 10 mV/°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com