Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1816-R22AKSZ-R72 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1816-R22AKSZ-R72
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1816-R22AKSZ-R72 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1816-R22AKSZ-R72 Datasheet HTML 8Page - Analog Devices ADM1816-R22AKSZ-R72 Datasheet HTML 9Page - Analog Devices ADM1816-R22AKSZ-R72 Datasheet HTML 10Page - Analog Devices ADM1816-R22AKSZ-R72 Datasheet HTML 11Page - Analog Devices ADM1816-R22AKSZ-R72 Datasheet HTML 12Page - Analog Devices ADM1816-R22AKSZ-R72 Datasheet HTML 13Page - Analog Devices ADM1816-R22AKSZ-R72 Datasheet HTML 14Page - Analog Devices ADM1816-R22AKSZ-R72 Datasheet HTML 15Page - Analog Devices ADM1816-R22AKSZ-R72 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E | Page 13 of 16
Model1
Temperature Range
Trip Point
Package Option
Branding
ADM1818-20ART-RL7
−40°C to +105°C
2.55 V
RT-3 (SOT-23)
M8A
ADM1818-20ARTZ-RL2
−40°C to +105°C
2.55 V
RT-3 (SOT-23)
M59
ADM1818-20ARTZ-RL72
−40°C to +105°C
2.55 V
RT-3 (SOT-23)
M59
ADM1818-R22AKS-RL
−40°C to +105°C
2.18 V
KS-3 (SC70)
M8B
ADM1818-R22AKS-RL7
−40°C to +105°C
2.18 V
KS-3 (SC70)
M8B
ADM1818-R22AKSZ-RL2
−40°C to +105°C
2.18 V
KS-3 (SC70)
M7M
ADM1818-R22AKSZ-R72
−40°C to +105°C
2.18 V
KS-3 (SC70)
M7M
ADM1818-R22ART-RL
−40°C to +105°C
2.18 V
RT-3 (SOT-23)
M8B
ADM1818-R22ART-RL7
−40°C to +105°C
2.18 V
RT-3 (SOT-23)
M8B
ADM1818-R23AKS-RL
−40°C to +105°C
2.31 V
KS-3 (SC70)
M8C
ADM1818-R23AKS-RL7
−40°C to +105°C
2.31 V
KS-3 (SC70)
M8C
ADM1818-R23AKSZ-RL2
−40°C to +105°C
2.31 V
KS-3 (SC70)
M7N
ADM1818-R23AKSZ-R72
−40°C to +105°C
2.31 V
KS-3 (SC70)
M7N
ADM1818-R23ART-RL
−40°C to +105°C
2.31 V
RT-3 (SOT-23)
M8C
ADM1818-R23ART-RL7
−40°C to +105°C
2.31 V
RT-3 (SOT-23)
M8C
1 Available only in reels.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com