Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1818-R22ART-RL Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1818-R22ART-RL
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1818-R22ART-RL Datasheet(HTML) 5 Page - Analog Devices

  ADM1818-R22ART-RL Datasheet HTML 1Page - Analog Devices ADM1818-R22ART-RL Datasheet HTML 2Page - Analog Devices ADM1818-R22ART-RL Datasheet HTML 3Page - Analog Devices ADM1818-R22ART-RL Datasheet HTML 4Page - Analog Devices ADM1818-R22ART-RL Datasheet HTML 5Page - Analog Devices ADM1818-R22ART-RL Datasheet HTML 6Page - Analog Devices ADM1818-R22ART-RL Datasheet HTML 7Page - Analog Devices ADM1818-R22ART-RL Datasheet HTML 8Page - Analog Devices ADM1818-R22ART-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM181x
TOP VIEW
(Not to Scale)
RST/RST
1
VCC 2
GND
3
Figure 2. 3-Lead SOT-23 Pin Configuration
ADM181x
TOP VIEW
(Not to Scale)
1
VCC
2
GND
3
RST/RST
Figure 3. 3-Lead SC70 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
SOT-23
SC70
1
2
RST
Active High Reset Output. RST remains high while VCC is below the reset
threshold and remains high for 150 ms typical after VCC rises above the reset
threshold. Applies to the ADM1812 and ADM1817 only.
RST
Active Low Reset Output. RST remains low while VCC is below the reset threshold
and remains low for 150 ms typical after VCC rises above the reset threshold.
Applies to the ADM1810, ADM1811, ADM1813, ADM1815, ADM1816, and
ADM1818 only.
2
1
VCC
Supply Voltage. The supply voltage being monitored.
3
3
GND
Ground. 0 V ground reference for all signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com