Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1818-R22ART-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1818-R22ART-RL7
Description  Microprocessor Reset Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1818-R22ART-RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADM1818-R22ART-RL7 Datasheet HTML 1Page - Analog Devices ADM1818-R22ART-RL7 Datasheet HTML 2Page - Analog Devices ADM1818-R22ART-RL7 Datasheet HTML 3Page - Analog Devices ADM1818-R22ART-RL7 Datasheet HTML 4Page - Analog Devices ADM1818-R22ART-RL7 Datasheet HTML 5Page - Analog Devices ADM1818-R22ART-RL7 Datasheet HTML 6Page - Analog Devices ADM1818-R22ART-RL7 Datasheet HTML 7Page - Analog Devices ADM1818-R22ART-RL7 Datasheet HTML 8Page - Analog Devices ADM1818-R22ART-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E | Page 3 of 16
SPECIFICATIONS
VCC = full operating range, TA = −40°C to +105°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Comments
SUPPLY
Voltage
1
5.5
V
TA = 0°C to 105°C
1.2
5.5
V
TA = −40°C to +105°C
Current
9
16
μA
VCC = 5.5 V, VCC > VTH, no load
4
10
μA
VCC = 3.6 V, VCC > VTH, no load
OUTPUT CURRENT
RST Output Source Current
350
μA
VCC ≥ VTH (max), reset not asserted (ADM1810/ADM1815)
RST Output Source Current
350
μA
VCC ≤ VTH (min), reset asserted (ADM1812/ADM1817)
RST Output Sink Current
8
mA
VCC ≥ 2.7 V, reset asserted, VOUT = 0.4 V
(ADM1810/ADM1811/ADM1813/ADM1815/ADM1816/
ADM1818)
RST Output Sink Current
8
mA
VCC ≥ 2.7 V, reset not asserted, VOUT = 0.4 V
(ADM1812/ADM1817)
OUTPUT VOLTAGE
VCC − 0.5
VCC − 0.1
V
ADM1810/ADM1812/ADM1815/ADM1817 @ 0 μA to
500 μA
VCC TRIP POINT
ADM1810-5, ADM1811-5, ADM1812-5,
ADM1813-5
4.50
4.62
4.75
V
ADM1810-10, ADM1811-10,
ADM1812-10, ADM1813-10
4.25
4.35
4.49
V
ADM1815-5, ADM1816-5, ADM1817-5,
ADM1818-5
2.98
3.06
3.15
V
ADM1815-10, ADM1816-10,
ADM1817-10, ADM1818-10
2.80
2.88
2.97
V
ADM1815-20, ADM1816-20,
ADM1817-20, ADM1818-20
2.47
2.55
2.64
V
ADM1815-R23, ADM1816-R23,
ADM1817-R23, ADM1818-R23
2.25
2.31
2.37
V
ADM1815-R22, ADM1816-R22,
ADM1817-R22, ADM1818-R22
2.12
2.18
2.25
V
INTERNAL PULL-UP RESISTOR
ADM1811/ADM1816
3.5
5.5
7.5
kΩ
ADM1813/ADM1818
3.1
5.5
7.5
kΩ
OUTPUT CAPACITANCE
10
pF
RESET ACTIVE TIME
100
150
250
ms
VCC DETECT TO RESET
Falling
10
μs
Rising
100
150
250
ms
tR = 5 μs
PUSH-BUTTON DETECT TO RST
1
μs
(ADM1813/ADM1818)
PUSH-BUTTON RESET
100
150
250
ms
(ADM1813/ADM1818)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com