Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5160BRJZ50-R22 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5160BRJZ50-R22
Description  256-Position SPI-Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJZ50-R22 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5160BRJZ50-R22 Datasheet HTML 8Page - Analog Devices AD5160BRJZ50-R22 Datasheet HTML 9Page - Analog Devices AD5160BRJZ50-R22 Datasheet HTML 10Page - Analog Devices AD5160BRJZ50-R22 Datasheet HTML 11Page - Analog Devices AD5160BRJZ50-R22 Datasheet HTML 12Page - Analog Devices AD5160BRJZ50-R22 Datasheet HTML 13Page - Analog Devices AD5160BRJZ50-R22 Datasheet HTML 14Page - Analog Devices AD5160BRJZ50-R22 Datasheet HTML 15Page - Analog Devices AD5160BRJZ50-R22 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD5160
Rev. B | Page 13 of 1
6
SPI INTERFACE
Table 6. Serial Data-Word Format
B7
B6
B5
B4
B3
B2
SDI
CLK
B1
B0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
27
20
CS
VOUT
0
1
0
1
0
1
0
1
D7
D6
D5
D4
D3
D2
D1
D0
RDAC REGISTER LOAD
Figure 37. SPI Interface Timing Diagram
(VA = 5 V, VB = 0 V, VW = VOUT)
tCSHO
tCSS
tCL
SDI
CLK
tDS
tCH
tCS1
tCSH1
tCH
tCSW
tS
CS
VOUT
1
0
1
(DATA IN)
0
1
0
VDD
0
±1LSB
Dx
Dx
Figure 38. SPI Interface Detailed Timing Diagram (VA = 5 V, VB = 0 V, VW = VOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com