Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5270 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5270
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5270 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5270 Datasheet HTML 16Page - Analog Devices AD5270 Datasheet HTML 17Page - Analog Devices AD5270 Datasheet HTML 18Page - Analog Devices AD5270 Datasheet HTML 19Page - Analog Devices AD5270 Datasheet HTML 20Page - Analog Devices AD5270 Datasheet HTML 21Page - Analog Devices AD5270 Datasheet HTML 22Page - Analog Devices AD5270 Datasheet HTML 23Page - Analog Devices AD5270 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD5270/AD5271
Rev. F | Page 21 of 24
Table 15. Memory Map
Command Number
Data Byte[DB9:DB8]1
Register Contents
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
5
X
X
X
0
0
0
0
0
0
0
Reserved
X
X
X
0
0
0
0
0
0
1
1st programmed wiper location (0x01)
X
X
X
0
0
0
0
0
1
0
2nd programmed wiper location (0x02)
X
X
X
0
0
0
0
0
1
1
3rd programmed wiper location (0x03)
X
X
X
0
0
0
0
1
0
0
4th programmed wiper location (0x04)
…
…
…
…
…
…
…
…
…
…
…
X
X
X
0
0
0
1
0
1
0
10th programmed wiper location (0xA)
X
X
X
0
0
1
0
1
0
0
20th programmed wiper location (0x14)
X
X
X
0
0
1
1
1
1
0
30th programmed wiper location (0x1E)
X
X
X
0
1
0
1
0
0
0
40th programmed wiper location (0x28)
X
X
X
0
1
1
0
0
1
0
50th programmed wiper location (0x32)
1 X is don’t care.
SDO PIN AND DAISY-CHAIN OPERATION
The serial data output pin (SDO) serves two purposes: it can be
used to read the contents of the wiper setting and 50-TP values
using Command 2 and Command 5, respectively (see Table 11),
or the SDO pin can be used in daisy-chain mode. Data is clocked
out of SDO on the rising edge of SCLK. The SDO pin contains
an open-drain N-channel FET that requires a pull-up resistor.
To place the pin in high impedance and mini-mize the power
dissipation when the pin is used, the 0x8001 data word followed
by Command 0 should be sent to the part. Table 16 provides a
sample listing for the sequence of the serial data input (DIN).
Daisy chaining minimizes the number of port pins required
from the controlling IC. As shown in Figure 44, the user must
tie the SDO pin of one package to the DIN pin of the next
package. The user may need to increase the clock period because
the pull-up resistor and the capacitive loading at the SDO-to-
DIN interface may require additional time delay between
subsequent devices. When two AD5270/AD5271 devices are
daisy-chained, 32 bits of data are required. The first 16 bits go to
U2, and the second 16 bits go to U1.
Table 16. Minimize Power Dissipation at the SDO Pin
DIN
SDO1
Action
0xXXXX
0xXXXX
Last user command sent to the digipot.
0x8001
0xXXXX
Prepares the SDO pin to be placed in
high impedance mode.
0x0000
High
Impedance
The SDO pin is placed in high
impedance.
1 X is don’t care.
Keep the SYNC pin low until all 32 bits are clocked to their
respective serial registers. The SYNC pin is then pulled high to
complete the operation.
MOSI
SS
SCLK
SDO
SCLK
DIN
DIN
SDO
AD5270/
AD5271
U1
AD5270/
AD5271
U2
SYNC
SCLK
SYNC
VDD
µC
RP
2.2kΩ
Figure 44. Daisy-Chain Configuration Using SDO
RDAC ARCHITECTURE
To achieve optimum performance, Analog Devices has patented
the RDAC segmentation architecture for all the digital potentio-
meters. In particular, the AD5270/AD5271 employ a three-stage
segmentation approach as shown in Figure 45.The AD5270/
AD5271 wiper switch is designed with the transmission gate
CMOS topology.
A
W
8-/10-BIT
ADDRESS
DECODER
RL
RL
RM
RM
RW
SW
RW
Figure 45. Simplified RDAC Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com