Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8236 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8236
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8236 Datasheet HTML 9Page - Analog Devices AD8236 Datasheet HTML 10Page - Analog Devices AD8236 Datasheet HTML 11Page - Analog Devices AD8236 Datasheet HTML 12Page - Analog Devices AD8236 Datasheet HTML 13Page - Analog Devices AD8236 Datasheet HTML 14Page - Analog Devices AD8236 Datasheet HTML 15Page - Analog Devices AD8236 Datasheet HTML 16Page - Analog Devices AD8236 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8236
Rev. 0 | Page 13 of 20
100µs/DIV
Figure 29. Small Signal Pulse Response, G = 5, CL = 100 pF,
VS = ±0.9 V, VREF = 0 V, RL = 100 kΩ to VREF
1ms/DIV
Figure 30. Small Signal Pulse Response, G = 200,
CL = 100 pF, VS = 2.5 V, VREF = 0 V, RL = 100 kΩ to VREF
1ms/DIV
Figure 31. Small Signal Pulse Response, G = 200,
CL = 100 pF, VS = 0.9 V, VREF = 0 V, RL = 100 kΩ to VREF
500
0
04
OUTPUT VOLTAGE STEP SIZE (V)
400
200
300
100
12
3
Figure 32. Settling Time vs. Output Voltage Step Size,
VS = ±2.5 V, VREF = 0 V, RL = 10 kΩ Tied to VREF
20
22
24
26
28
30
32
34
36
38
40
–40
–25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
1.8V
5V
Figure 33. Total Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com