Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9432_09 Datasheet HTML 8Page - Analog Devices AD9432_09 Datasheet HTML 9Page - Analog Devices AD9432_09 Datasheet HTML 10Page - Analog Devices AD9432_09 Datasheet HTML 11Page - Analog Devices AD9432_09 Datasheet HTML 12Page - Analog Devices AD9432_09 Datasheet HTML 13Page - Analog Devices AD9432_09 Datasheet HTML 14Page - Analog Devices AD9432_09 Datasheet HTML 15Page - Analog Devices AD9432_09 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD9432
Rev. F | Page 13 of 16
THEORY OF OPERATION
The AD9432 is a 12-bit pipeline converter that uses a switched-
capacitor architecture. Optimized for high speed, this converter
provides flat dynamic performance up to frequencies near
Nyquist. DNL transitional errors are calibrated at final test to
a typical accuracy of 0.25 LSB or less.
ANALOG INPUT
The analog input to the AD9432 is a differential buffer. The
input buffer is self-biased by an on-chip resistor divider that
sets the dc common-mode voltage to a nominal 3 V (see the
Equivalent Circuits section). Rated performance is achieved
by driving the input differentially. The minimum input offset
voltage is obtained when driving from a source with a low
differential source impedance, such as a transformer in ac
applications. Capacitive coupling at the inputs increases the
input offset voltage by as much as ±25 mV. Driving the ADC
single-ended degrades performance. For best dynamic perfor-
mance, impedances at AIN and AIN should match.
Special care was taken in the design of the analog input section
of the AD9432 to prevent damage and corruption of data when
the input is overdriven. The nominal input range is 2 V p-p.
Each analog input is 1 V p-p when driven differentially.
4.0
3.5
2.5
3.0
2.0
AIN
AIN
Figure 26. Full-Scale Analog Input Range
ENCODE INPUT
Any high speed ADC is extremely sensitive to the quality of the
sampling clock provided by the user. A track-and-hold circuit is
essentially a mixer, and any noise, distortion, or timing jitter on
the clock is combined with the desired signal at the ADC output.
For this reason, considerable care has been taken in the design
of the encode input of the AD9432, and the user is advised to
give commensurate thought to the clock source. The encode
input supports differential or single-ended mode and is fully
TTL-/CMOS-compatible.
Note that the encode inputs cannot be driven directly from PECL
level signals (VIHD is 3.5 V maximum). PECL level signals can
easily be accommodated by ac coupling, as shown in Figure 27.
Good performance is obtained using an MC10EL16 translator
in the circuit to drive the encode inputs.
PECL
GATE
ENCODE
AD9432
ENCODE
510Ω
0.1µF
0.1µF
510Ω
Figure 27. AC Coupling to Encode Inputs
ENCODE VOLTAGE LEVEL DEFINITION
The voltage level definitions for driving ENCODE and ENCODE
in single-ended and differential mode are shown in
.
Figure 28
VIHD
VICM
VID
VILD
ENCODE
ENCODE
VIHS
VILS
ENCODE
0.1µF
Figure 28. Differential and Single-Ended Input Levels
Table 5. Encode Inputs
Input
Min
Nominal
Max
Differential Signal Amplitude (VID)
500 mV
750 mV
High Differential Input Voltage (VIHD)
3.5 V
Low Differential Input Voltage (VILD)
0 V
Common-Mode Input (VICM)
1.25 V
1.6 V
High Single-Ended Voltage (VIHS)
2 V
3.5 V
Low Single-Ended Voltage (VILS)
0 V
0.8 V
Often, the cleanest clock source is a crystal oscillator producing a
pure sine wave. In this configuration, or with any roughly symmet-
rical clock input, the input can be ac-coupled and biased to a
reference voltage that also provides the encode. This ensures
that the reference voltage is centered on the encode signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com