Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0805-R0068 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-0805-R0068
Description  WIRE WOUND INDUCTOR - CERAMIC or FERRITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0805-R0068 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-0805-R0068 Datasheet HTML 1Page - Abracon Corporation AISC-0805-R0068 Datasheet HTML 2Page - Abracon Corporation AISC-0805-R0068 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
||||||||| | | | | | |
Pb RoHS
Compliant
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
OUTLINE DRAWING:
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
AISC-0805(F)
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.15.11
Visit
www.abracon.com for Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
AISC-0805
-
-
-
*Ceramic core only
Terminal Option
Blank: Tin-Ni
Z: Au-Ni
Inductance Tolerance
G: ±2%*
J: ±5%
K: ±10%
M: ±20%
Packaging
T: Tape and Reel
(2kpcs / reel)
Inductance Code
Please refer to the
table above
Core Material
Blank: Ceramic
F: Ferrite
±
±
Dimension:inches / mm
2.3 x 1.7 x 1.6mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com