Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP160ACBZ-3.3-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP160ACBZ-3.3-R7
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160ACBZ-3.3-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP160ACBZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP160ACBZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP160ACBZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP160ACBZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP160ACBZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP160ACBZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP160ACBZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP160ACBZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP160ACBZ-3.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADP160/ADP161/ADP162/ADP163
Rev. G | Page 3 of 24
SPECIFICATIONS
VIN = (VOUT + 0.5 V) or 2.2 V, whichever is greater; EN = VIN, IOUT = 10 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
V
IN
T
J = −40°C to +125°C
2.2
5.5
V
OPERATING SUPPLY CURRENT
I
GND
I
OUT = 0 µA
560
1250
nA
I
OUT = 0 µA, TJ = −40°C to +125°C
2.3
µA
I
OUT = 1 µA
860
1800
nA
I
OUT = 1 µA, TJ = −40°C to +125°C
2.8
µA
I
OUT = 100 µA
2.6
4.5
µA
I
OUT = 100 µA, TJ = −40°C to +125°C
5.8
µA
I
OUT = 10 mA
11
µA
I
OUT = 10 mA, TJ = −40°C to +125°C
19
µA
I
OUT = 150 mA
42
µA
I
OUT = 150 mA, TJ = −40°C to +125°C
65
µA
SHUTDOWN CURRENT
I
GND-SD
EN = GND
50
nA
EN = GND, T
J = −40°C to +125°C
1
µA
OUTPUT VOLTAGE ACCURACY
V
OUT
I
OUT = 10 mA
−1
+1
%
0 µA < I
OUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V
−2
+2
%
0 µA < I
OUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
T
J = −40°C to +125°C
−3.5
+3.5
%
ADJUSTABLE-OUTPUT VOLTAGE
ACCURACY (ADP161/ADP163)1
V
ADJ
I
OUT = 10 mA
0.99
1.0
1.01
V
0 µA < I
OUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V
0.98
1.02
V
0 µA < I
OUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V,
T
J = −40°C to +125°C
0.97
1.03
V
REGULATION
Line Regulation
∆V
OUT/∆VIN
V
IN = (VOUT + 0.5 V) to 5.5 V, TJ = −40°C to +125°C
−0.1
+0.1
%/V
Load Regulation2
∆V
OUT/∆IOUT
I
OUT = 100 μA to 150 mA
0.004
%/mA
I
OUT = 100 μA to 150 mA, TJ = −40°C to +125°C
0.01
%/mA
DROPOUT VOLTAGE3
V
OUT = 3.3 V
4-Ball WLCSP
V
DROPOUT
I
OUT = 10 mA
7
mV
I
OUT = 10 mA, TJ = −40°C to +125°C
13
mV
I
OUT = 150 mA
105
mV
I
OUT = 150 mA, TJ = −40°C to +125°C
195
mV
5-Lead TSOT
I
OUT = 10 mA
8
mV
I
OUT = 10 mA, TJ = −40°C to +125°C
15
mV
I
OUT = 150 mA
120
mV
I
OUT = 150 mA, TJ = −40°C to +125°C
225
mV
ADJ INPUT BIAS CURRENT (ADP161/ADP163)
ADJ
I-BIAS
2.2 V ≤ V
IN ≤ 5.5 V, ADJ connected to VOUT
10
nA
ACTIVE PULL-DOWN RESISTANCE
(ADP160/ADP161)
T
SHUTDOWN
V
OUT = 2.8 V, RLOAD = ∞
300
600
Ω
START-UP TIME4
T
START-UP
V
OUT = 3.3 V
1100
µs
CURRENT LIMIT THRESHOLD5
I
LIMIT
220
320
500
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TS
SD
T
J rising
150
°C
Thermal Shutdown Hysteresis
TS
SD-HYS
15
°C
EN INPUT
En Input Logic High
V
IH
2.2 V ≤ V
IN ≤ 5.5 V
1.2
V
EN Input Logic Low
V
IL
2.2 V ≤ V
IN ≤ 5.5 V
0.4
V
EN Input Leakage Current
V
I-LEAKAGE
EN = V
IN or GND
0.1
µA
EN = V
IN or GND, TJ = −40°C to +125°C
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com