Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF4113EBZ1 Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-ADF4113EBZ1
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EBZ1 Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-ADF4113EBZ1 Datasheet HTML 17Page - Analog Devices EVAL-ADF4113EBZ1 Datasheet HTML 18Page - Analog Devices EVAL-ADF4113EBZ1 Datasheet HTML 19Page - Analog Devices EVAL-ADF4113EBZ1 Datasheet HTML 20Page - Analog Devices EVAL-ADF4113EBZ1 Datasheet HTML 21Page - Analog Devices EVAL-ADF4113EBZ1 Datasheet HTML 22Page - Analog Devices EVAL-ADF4113EBZ1 Datasheet HTML 23Page - Analog Devices EVAL-ADF4113EBZ1 Datasheet HTML 24Page - Analog Devices EVAL-ADF4113EBZ1 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADF4110/ADF4111/ADF4112/ADF4113
Rev. F | Page 21 of 28
RESYNCHRONIZING THE PRESCALER OUTPUT
Table 7 (the Reference Counter Latch Map) shows two bits,
DB22 and DB21, which are labeled DLY and SYNC,
respectively. These bits affect the operation of the prescaler.
With SYNC = 1, the prescaler output is resynchronized with the
RF input. This has the effect of reducing jitter due to the
prescaler and can lead to an overall improvement in synthesizer
phase noise performance. Typically, a 1 dB to 2 dB
improvement is seen in the ADF4113. The lower bandwidth
devices can show an even greater improvement. For example,
the ADF4110 phase noise is typically improved by 3 dB when
SYNC is enabled.
With DLY = 1, the prescaler output is resynchronized with a
delayed version of the RF input.
If the SYNC feature is used on the synthesizer, some care must
be taken. At some point, (at certain temperatures and output
frequencies), the delay through the prescaler coincides with the
active edge on RF input; this causes the SYNC feature to break
down. It is important to be aware of this when using the SYNC
feature. Adding a delay to the RF signal, by programming
DLY = 1, extends the operating frequency and temperature
somewhat. Using the SYNC feature also increases the value of
the AIDD for the device. With a 900 MHz output, the ADF4113
AIDD increases by about 1.3 mA when SYNC is enabled and by
an additional 0.3 mA if DLY is enabled.
All the typical performance plots in this data sheet, except for
Figure 8, apply for DLY and SYNC = 0, i.e., no resynchroniza-
tion or delay enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com