Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0805-R27 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-0805-R27
Description  WIRE WOUND INDUCTOR - CERAMIC or FERRITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0805-R27 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-0805-R27 Datasheet HTML 1Page - Abracon Corporation AISC-0805-R27 Datasheet HTML 2Page - Abracon Corporation AISC-0805-R27 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
||||||||| | | | | | |
AISC-0805(F)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
AISC-0805(F)-xxx
Operating temperature:
-40°C to +125°C
Storage temperature:
-10°C to +40°C
70% RH max.
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised:04.15.11
Visit
www.abracon.com for Terms & Conditions of Sale
• Widely applied in the VCO, SAW circuit for GSM, CDMA
communications
• Used in hard disk, notebook computer and other
electronic equipment
• Ceramic or Ferrite Construction assures the utmost in the
thermal stablity and high SRF
• Exceptionally high Q compared to non-wirewound inductor,
especially at high frequencies
• Inductance values available from 2.2 nH to 68uH; tight tolerance
SRF
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Part Number
L(nH)
@Test Freq.
Tolerance
(±%)
Q, Min
@Test Freq.
SRF Min
(MHz)
RDC Max
( Ω )
IDC Max
(mA)
AISC-0805-R0022
2.2 @ 250 MHz
10,20
40 @ 1500 MHz
>6000
0.1
600
AISC-0805-R0033
3.3 @ 250 MHz
5,10,20
30 @ 1500 MHz
>6000
0.08
600
AISC-0805-R0068
6.8 @ 250 MHz
5,10,20
50 @ 1000 MHz
5000
0.11
600
AISC-0805-R0082
8.2 @ 250 MHz
5,10,20
50 @ 1000 MHz
4800
0.19
600
AISC-0805-R012
12 @ 250 MHz
2,5,10,20
50 @ 500 MHz
4100
0.15
600
AISC-0805-R015
15 @ 250 MHz
5,10,20
50 @ 500 MHz
2900
0.17
600
AISC-0805-R018
18 @ 250 MHz
2,5,10,20
50 @ 500 MHz
3300
0.2
600
AISC-0805-R022
22 @ 250 MHz
2,5,10,20
55 @ 500 MHz
2600
0.22
500
AISC-0805-R027
27 @ 250 MHz
2,5,10,20
60 @ 500 MHz
2500
0.25
500
AISC-0805-R033
33 @ 250 MHz
2,5,10,20
60 @ 500MHz
2200
0.27
500
AISC-0805-R039
39 @ 250 MHz
2,5,10,20
60 @ 500MHz
2100
0.29
500
AISC-0805-R047
47 @ 200 MHz
2,5,10,20
60 @ 500MHz
1750
0.31
500
AISC-0805-R056
56 @ 200 MHz
2,5,10,20
60 @ 500MHz
1650
0.32
500
AISC-0805-R068
68 @ 200 MHz
2,5,10,20
60 @ 500MHz
1500
0.38
500
AISC-0805-R082
82 @ 150 MHz
2,5,10,20
60 @ 500MHz
1400
0.42
400
AISC-0805-R10
100 @ 150 MHz
2,5,10,20
60 @ 500MHz
1200
0.46
400
AISC-0805-R12
120 @ 150 MHz
2,5,10,20
50 @ 250 MHz
1200
0.51
400
AISC-0805-R15
150 @ 100 MHz
2,5,10,20
50 @ 250 MHz
1000
0.56
400
AISC-0805-R18
180 @ 100 MHz
2,5,10,20
50 @ 250 MHz
950
0.64
400
AISC-0805-R22
220 @ 100 MHz
2,5,10,20
45 @ 250 MHz
850
0.7
400
AISC-0805-R27
270 @ 100 MHz
2,5,10,20
40 @ 250 MHz
680
1
350
AISC-0805-R33
330 @ 100 MHz
2,5,10,20
40 @ 250 MHz
660
1.4
310
AISC-0805-R39
390 @ 100 MHz
2,5,10,20
35 @ 250 MHz
560
1.5
290
AISC-0805-R47
470 @ 50 MHz
5,10,20
33 @ 100 MHz
430
1.72
250
AISC-0805-R56
560 @ 25 MHz
5,10,20
23 @ 50 MHz
350
1.9
230
AISC-0805-R56
620 @ 25 MHz
5,10,20
23 @ 50 MHz
280
1.95
200
AISC-0805-R68
680 @ 25 MHz
5,10,20
23 @ 50 MHz
300
2.05
190
AISC-0805-R75
750 @ 25 MHz
5,10,20
23 @ 50 MHz
280
2.1
180
AISC-0805-R82
820 @ 25 MHz
5,10,20
23 @ 50 MHz
250
2.3
180
AISC-0805-R91
910 @ 25 MHz
5,10,20
22 @ 50 MHz
230
2.4
160
AISC-0805-1R0
1000 @ 25 MHz
5,10,20
20 @ 50 MHz
200
2.5
150
AISC-0805F-R027
270@25MHz
5,10,20
15@25MHz
550
0.91
350
AISC-0805F-R047
470@100MHz
5,10,20
8@100MHz
500
0.72
300
AISC-0805F-R056
560@25MHz
5,10,20
15@25MHz
360
0.6
145
AISC-0805F-1R0
1000@7.9MHz
5,10,20
15@7.9MHz
63
1.20
245
AISC-0805F-1R5
1500@7.9MHz
5,10,20
15@7.9MHz
60
1.45
225
AISC-0805F-1R8
1800@7.9MHz
5,10,20
15@7.9MHz
60
1.45
200
AISC-0805F-2R2
2200@7.9MHz
5,10,20
10@50MHz
200
2.50
100
AISC-0805F-3R3
3300@7.9MHz
5,10,20
15@7.9MHz
50
2.30
175
AISC-0805F-3R9
3900@7.9MHz
5,10,20
10@7.9MHz
50
2.50
80
AISC-0805F-4R7
4700@7.9MHz
5,10,20
15@7.9MHz
43
2.80
140
AISC-0805F-6R8
6800@7.9MHz
5,10,20
15@7.9MHz
36
3.40
115
AISC-0805F-8R2
8200@7.9MHz
5,10,20
10@2.5MHz
35
4.50
100
AISC-0805F-100
10000@2.5MHz
5,10,20
10@2.5MHz
30
4.70
98
AISC-0805F-150
15000@2.5MHz
5,10,20
10@2.5MHz
23
6.50
80
AISC-0805F-220
22000@2.5MHz
5,10,20
10@2.5MHz
20
8.00
68
AISC-0805F-330
33000@2.5MHz
5,10,20
10@2.5MHz
17
10.7
60
AISC-0805F-470
47000@2.5MHz
5,10,20
10@2.5MHz
14
13.8
55
AISC-0805F-680
68000@2.5MHz
5,10,20
8@2.5MHz
11
17.5
40
2.29 x 1.27 x 1.55mm
Definition of Rated Current (Ir):
Ir is direct electric current as chip
surface temperature increases
20
°C against chip initial surface
temperature (Ta).


Similar Part No. - AISC-0805-R27

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0805-R27 ABRACON-AISC-0805-R27 Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
More results

Similar Description - AISC-0805-R27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
WIRE WOUND Ceramic Chip Inductor
logo
AVX Corporation
LCWF AVX-LCWF Datasheet
344Kb / 12P
Wire Wound Chip Inductor (Ferrite) LCWF Series
logo
Abracon Corporation
AISC-1008(F) ABRACON-AISC-1008(F) Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
AISM-2220 ABRACON-AISM-2220 Datasheet
948Kb / 2P
MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
09.09.10
AISC-0805-F ABRACON-AISC-0805-F Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
AISC-1008-F ABRACON-AISC-1008-F Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
Wire Wound Inductor
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
WIRE-WOUND CHIP INDUCTOR – CERAMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com