Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP162 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP162
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP162 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP162 Datasheet HTML 16Page - Analog Devices ADP162 Datasheet HTML 17Page - Analog Devices ADP162 Datasheet HTML 18Page - Analog Devices ADP162 Datasheet HTML 19Page - Analog Devices ADP162 Datasheet HTML 20Page - Analog Devices ADP162 Datasheet HTML 21Page - Analog Devices ADP162 Datasheet HTML 22Page - Analog Devices ADP162 Datasheet HTML 23Page - Analog Devices ADP162 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP160/ADP161/ADP162/ADP163
Rev. G | Page 21 of 24
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)
Package Description
Package Option
Branding
ADP160ACBZ-1.2-R7
−40°C to +125°C
1.2
4-Ball WLCSP
CB-4-1
5K
ADP160ACBZ-1.5-R7
−40°C to +125°C
1.5
4-Ball WLCSP
CB-4-1
5L
ADP160ACBZ-1.8-R7
−40°C to +125°C
1.8
4-Ball WLCSP
CB-4-1
5N
ADP160ACBZ-2.1-R7
−40°C to +125°C
2.1
4-Ball WLCSP
CB-4-1
5P
ADP160ACBZ-2.3-R7
−40°C to +125°C
2.3
4-Ball WLCSP
CB-4-1
AH
ADP160ACBZ-2.5-R7
−40°C to +125°C
2.5
4-Ball WLCSP
CB-4-1
5Q
ADP160ACBZ-2.7-R7
−40°C to +125°C
2.7
4-Ball WLCSP
CB-4-1
AM
ADP160ACBZ-2.75-R7
−40°C to +125°C
2.75
4-Ball WLCSP
CB-4-1
5R
ADP160ACBZ-2.8-R7
−40°C to +125°C
2.8
4-Ball WLCSP
CB-4-1
5S
ADP160ACBZ-2.85-R7
−40°C to +125°C
2.85
4-Ball WLCSP
CB-4-1
5T
ADP160ACBZ-3.0-R7
−40°C to +125°C
3.0
4-Ball WLCSP
CB-4-1
5U
ADP160ACBZ-3.3-R7
−40°C to +125°C
3.3
4-Ball WLCSP
CB-4-1
5V
ADP160ACBZ-4.2-R7
−40°C to +125°C
4.2
4-Ball WLCSP
CB-4-1
6U
ADP160AUJZ-1.2-R7
−40°C to +125°C
1.2
5-Lead TSOT
UJ-5
LDQ
ADP160AUJZ-1.5-R7
−40°C to +125°C
1.5
5-Lead TSOT
UJ-5
LDR
ADP160AUJZ-1.8-R7
−40°C to +125°C
1.8
5-Lead TSOT
UJ-5
LE0
ADP160AUJZ-2.3-R7
−40°C to +125°C
2.3
5-Lead TSOT
UJ-5
LLP
ADP160AUJZ-2.5-R7
−40°C to +125°C
2.5
5-Lead TSOT
UJ-5
LFZ
ADP160AUJZ-2.7-R7
−40°C to +125°C
2.7
5-Lead TSOT
UJ-5
LJF
ADP160AUJZ-2.8-R7
−40°C to +125°C
2.8
5-Lead TSOT
UJ-5
LG0
ADP160AUJZ-3.0-R7
−40°C to +125°C
3.0
5-Lead TSOT
UJ-5
Y2U
ADP160AUJZ-3.3-R7
−40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LG1
ADP160AUJZ-4.2-R7
−40°C to +125°C
4.2
5-Lead TSOT
UJ-5
LGY
ADP161AUJZ-R7
−40°C to +125°C
Adjustable
5-Lead TSOT
UJ-5
LHW
ADP162ACBZ-1.2-R7
−40°C to +125°C
1.2
4-Ball WLCSP
CB-4-1
70
ADP162ACBZ-1.8-R7
−40°C to +125°C
1.8
4-Ball WLCSP
CB-4-1
71
ADP162ACBZ-2.1-R7
−40°C to +125°C
2.1
4-Ball WLCSP
CB-4-1
72
ADP162ACBZ-2.3-R7
−40°C to +125°C
2.3
4-Ball WLCSP
CB-4-1
BC
ADP162ACBZ-2.8-R7
−40°C to +125°C
2.8
4-Ball WLCSP
CB-4-1
73
ADP162ACBZ-3.0-R7
−40°C to +125°C
3.0
4-Ball WLCSP
CB-4-1
74
ADP162ACBZ-4.2-R7
−40°C to +125°C
4.2
4-Ball WLCSP
CB-4-1
75
ADP162AUJZ-1.5-R7
−40°C to +125°C
1.5
5-Lead TSOT
UJ-5
LH9
ADP162AUJZ-1.8-R7
−40°C to +125°C
1.8
5-Lead TSOT
UJ-5
LLN
ADP162AUJZ-2.3-R7
−40°C to +125°C
2.3
5-Lead TSOT
UJ-5
LLQ
ADP162AUJZ-2.5-R7
−40°C to +125°C
2.5
5-Lead TSOT
UJ-5
LHB
ADP162AUJZ-2.7-R7
−40°C to +125°C
2.7
5-Lead TSOT
UJ-5
LJK
ADP162AUJZ-2.8-R7
−40°C to +125°C
2.8
5-Lead TSOT
UJ-5
LHC
ADP162AUJZ-3.0-R7
−40°C to +125°C
3.0
5-Lead TSOT
UJ-5
LHD
ADP162AUJZ-3.3-R7
−40°C to +125°C
3.3
5-Lead TSOT
UJ-5
LHE
ADP162AUJZ-4.2-R7
−40°C to +125°C
4.2
5-Lead TSOT
UJ-5
LHF
ADP163AUJZ-R7
−40°C to +125°C
Adjustable
5-Lead TSOT
UJ-5
LHG
ADP160UJZ-REDYKIT
Evaluation Board Kit
ADP162UJZ-REDYKIT
Evaluation Board Kit
ADP161UJ-EVALZ
Evaluation Board
ADP163UJ-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com