Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR_CV Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWSCR_CV
Description  3.7 x 3.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR_CV Datasheet(HTML) 1 Page - Abracon Corporation

  AWSCR_CV Datasheet HTML 1Page - Abracon Corporation AWSCR_CV Datasheet HTML 2Page - Abracon Corporation AWSCR_CV Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.7 x 3.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
|||||||||||||| |
AWSCR-CV
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
APPLICATIONS:
FEATURES:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.13.10
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
Pb in ceramic
(exempt per RoHS 2002/95/EC Annex (7))
TEST CIRCUIT:
±0.3% (13.01 MHz~ 50.00 MHz)
Built-in Capacitance
See Table 1
Storage Temperature
Insulation Resistance
100MΩ min. (10V, 1min)
Withstanding Voltage (V)
Rating Voltage
(1) D.C.Voltage
t
n
e
m
e
ri
u
q
e
R
m
e
tI
-55oC to +85oC
Aging Rate (Fosc)
50 (DC , 1 min)
±0.3% max. (10 years)
6 V DC max
(2) A.C. Voltage
15 Vp-p. max
Operating Temperature
-25°C to +85°C
Frequency Tolerance
± 0.5% ( at 25℃)
±0.4% (8.00 MHz~ 13.00 MHz)
Resonant Impedance
See Table 1
Frequency Range
8.00MHz to 50.00 MHz
Frequency stability
(-25℃~+85℃)
• Built-in load capacitors
• IR reflow capable
• Low resonant impedance
• Consumer electronics
* Please contact ABRACON for tighter
stability and/or wider temperature range.
*
*
AWSCR - XX.XXCV - C
-
g
n
i
g
a
k
c
a
P
y
c
n
e
u
q
e
r
F
Frequency in MHz
T for Tape and Reel
Load Capacitance
Contact ABRACON for Built-in
Capacitance options
3.7 x 3.1mm
AWSCR-CV
AWSCR-CV
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
26.00 MHz - 50.00 MHz
40
40
10pF± 20%
Table 1
22pF± 20%
Frequency range (MHz)
16.00 MHz - 20.00 MHz
30
60
22pF± 20%
22pF± 20%
8.00 MHz - 13.00 MHz
5pF± 20%
40
13.01 MHz - 15.99 MHz
Standard Built-in
Capacitance
C1=C2 (pF)
Resonant Impedance
(Ro)(Ω
Ω
) max
20.00 MHz - 25.99 MHz
(Left blank if standard)


Similar Part No. - AWSCR_CV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-CV ABRACON-AWSCR-CV Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
More results

Similar Description - AWSCR_CV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-CV ABRACON-AWSCR-CV Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-MTD ABRACON-AWSCR-MTD Datasheet
1Mb / 3P
4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
09.12.10
AWCR-16.00MD ABRACON-AWCR-16.00MD Datasheet
2Mb / 3P
LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWSCR-8.00CV-T ABRACON-AWSCR-8.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-10.00CV-T ABRACON-AWSCR-10.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-11.00CV-T ABRACON-AWSCR-11.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-16.93CV-T ABRACON-AWSCR-16.93CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-25.00CV-T ABRACON-AWSCR-25.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-25.00MTD-T ABRACON-AWSCR-25.00MTD-T Datasheet
1Mb / 3P
4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
09.12.10
AWSCR-27.00CV-T ABRACON-AWSCR-27.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com