Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420EPZ2 Datasheet(PDF) 13 Page - Analog Devices

Part # DAC8420EPZ2
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420EPZ2 Datasheet(HTML) 13 Page - Analog Devices

Back Button DAC8420EPZ2 Datasheet HTML 9Page - Analog Devices DAC8420EPZ2 Datasheet HTML 10Page - Analog Devices DAC8420EPZ2 Datasheet HTML 11Page - Analog Devices DAC8420EPZ2 Datasheet HTML 12Page - Analog Devices DAC8420EPZ2 Datasheet HTML 13Page - Analog Devices DAC8420EPZ2 Datasheet HTML 14Page - Analog Devices DAC8420EPZ2 Datasheet HTML 15Page - Analog Devices DAC8420EPZ2 Datasheet HTML 16Page - Analog Devices DAC8420EPZ2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DAC8420
Rev. B | Page 13 of 24
+5V/DIV
–25V
25V
LD
–33.6µs
20µs/DIV
166.4µs
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
0
SRRISE = 1.9
V
µs
SRFALL = 2.02
V
µs
CLR
Figure 24. Slew Rate (±15 V)
10
0
–10
–20
–30
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = 0 ±100mV
VVREFLO = –10V
ALL BITS HIGH 200mV p-p
Figure 25. Small-Signal Response
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = +25°C
DATA = 0x000
VDD = +15V ±1V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 26. PSRR vs. Frequency
6
4
2
0
–2
–4
–6
–75
0
75
150
TEMPERATURE (°C)
IDD
ISS
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
ALL DACS HIGH (FULL SCALE)
Figure 27. Power Supply Current vs. Temperature
5V/DIV
VOUTA THROUGH VOUTD
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
DATA = 0x800
Figure 28. DAC Output Current vs. VOUTx
10
8
6
4
2
0
10
100
1k
10k
LOAD RESISTANCE (Ω)
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
DATA = 0xFFF OR 0x000
Figure 29. Output Swing vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com