Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLS Datasheet(PDF) 1 Page - Littelfuse

Part # BLS
Description  Axial Lead and Cartridge Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BLS Datasheet(HTML) 1 Page - Littelfuse

  BLS Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
444
www .littelfuse .com
Special Midget
1
3/8
" Long Fast-Acting Type Fuse BLS Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
135%
2
/10–10
1 hour, Maximum
200%
2
/10–10
2 minutes, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories from 1/2
through 5 amperes and Certified by CSA from 1/2 through 5 amperes.
INTERRUPTING RATING: 10,000 amperes at rated VAC.
PATENTED
ORDERING INFORMATION:
Cartridge
Nominal
Catalog
Ampere
AC Voltage
Resistance
Number
Rating
Rating
Cold Ohms
BLS 2/10
.200
600
36
BLS 4/10
.400
600
11.5
BLS 1/2
.500
600
1.25
BLS 3/4
.750
600
.591
BLS 8/10
.800
600
.524
BLS 1
1
600
.944
BLS 11/2
1.5
600
.190
BLS 16/10
1.6
600
.180
BLS 18/10
1.8
600
.143
BLS 2
2
600
.2608
BLS 3
3
600
.10625
BLS 4
4
600
.0464
BLS 5
5
600
.0330
BLS 6
6
250
.0182
BLS 7
7
250
.1045
BLS 8
8
250
.012
BLS 10
10
250
.00881
Slo-Blo
®
Indicating Type Fuse FLA Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
135%
1 hour, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories.
INTERRUPTING RATING: 10,000 amperes at rated VAC.
INDICATING PIN: Extends 0.3" when fuse opens.
NOTE: Fuses rated 12–30 amperes have dual tube construction.
Nominal
Nominal
Catalog
Ampere Resistance Catalog Ampere Resistance
AC Voltage
Number
Rating Cold Ohms Number
Rating
Cold Ohms
Rating
FLA 1/10
.100
200.0
FLA 5
5
.06304
125
FLA 15/100
.15
88.90
FLA 56/10
5.6
.05194
125
FLA 2/10
.200
50.00
FLA 6
6
.04253
125
FLA 1/4
.250
32.00
FLA 61/4
6.25
.03794
125
FLA 3/10
.300
22.20
FLA 7
7
.03146
125
FLA 4/10
.400
11.39
FLA 8
8
.01890
125
FLA 1/2
.500
8.00
FLA 10
10
.01387
125
FLA 6/10
.600
5.55
FLA 12
12
.00689
125
FLA 8/10
.800
3.65
FLA 15
15
.00530
125
FLA 1
1
1.9504
FLA 20
20
.00385
125
FLA 11/8
1.125
1.7004
FLA 25
25
.00275
125
FLA 11/4
1.250
1.4004
FLA 30
30
.00226
125
FLA 14/10
1.4
1.1204
125
FLA 11/2
1.5
.8204
125
FLA 16/10
1.6
.7027
125
FLA 18/10
1.8
.5637
125
FLA 2
2
.4627
125
FLA 21/4
2.25
.3557
125
FLA 21/2
2.5
.2599
125
FLA 28/10
2.8
.2048
125
FLA 3
3
.1816
125
FLA 32/10
3.2
.1587
125
FLA 31/2
3.5
.1195
125
FLA 4
4
.09772
125
FLA 41/2
4.5
.07875
125
®
UL
34.925
(1.375")
10.31
(.406")
38.1
(1.50")
10.31
(.406")
®
UL
®
ORDERING INFORMATION:


Similar Part No. - BLS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BLS-2035 DBLECTRO-BLS-2035 Datasheet
90Kb / 1P
BLS-2035
BLS-2040 DBLECTRO-BLS-2040 Datasheet
90Kb / 1P
BLS-2040
BLS-3040 DBLECTRO-BLS-3040 Datasheet
89Kb / 1P
BLS-3040
BLS-5090 DBLECTRO-BLS-5090 Datasheet
89Kb / 1P
BLS-5090
logo
Littelfuse
BLS1 LITTELFUSE-BLS1 Datasheet
37Kb / 1P
Axial Lead and Cartridge Fuses- Special Midget
More results

Similar Description - BLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
272 LITTELFUSE-272 Datasheet
93Kb / 1P
Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
Axial Lead and Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com