Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLS Datasheet(PDF) 1 Page - Littelfuse

Part # JLS
Description  CLASS J JLS SERIES FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLS Datasheet(HTML) 1 Page - Littelfuse

  JLS Datasheet HTML 1Page - Littelfuse JLS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWR-GARD® Fuse Datasheet
© 2012 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 100112
1 of 2
CLass J – JLs series FUses
600 VAC • Fast-Acting • 1-600 A
ampere ratings
1
20
45
90
175
350
3
25
50
100
200
400
6
30
60
110
225
450
10
35
70
125
250
500
15
40
80
150
300
600
Description
JLS series fuses provide space saving, fast-acting overload
and short-circuit protection for non-inductive loads. For
applications where short-duration surges and spikes may
cause nuisance fuse opening, consider the use of Littelfuse
POWR-PRO® JTD or JTD_ID series time-delay fuses.
Applications
• General purpose circuits with little or no motor load.
• Resistive loads, such as resistance electric heat.
• Loads requiring fast-acting overload protection, such as
equipment containing solid-state devices.
Specifications
Voltage Ratings
600 VAC
Interrupting Ratings
200 kA rms symmetrical
Ampere Range
1–600 A
Approvals
Standard 248-8, Class J
UL Listed (File No. E81895)
CSA Certified (File No. LR29862)
Federal Specification WF-1814
(QPL-W-F-1814)
100
1000
10000
100000
1000000
600 A
400 A
200 A
100 A
60 A
30 A
AVAILABLE FAULT CURRENT
SYMMETRICAL R. M. S. AMPERES
05567005
type
series amperage
CataLog
nUmber
ordering
nUmber
NON-iNDiCAtiNG
JLS
110
JLS110
0JLS110.X
Ordering Information
Dimensions
Please refer to the Class J dimensions on page 2
Web Resources
TC curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/jls
Recommended Fuse Holders
LFJ60 Series
LFPSJ Series (8⁄10–60 A)
Peak Let-Thru Curve
QPL
JLS


Similar Part No. - JLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
330Kb / 3P
600 VAC ??Fast-Acting ??1-600 A
JLS LITTELFUSE-JLS_17 Datasheet
330Kb / 3P
600 VAC ??Fast-Acting ??1-600 A
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
CLASS J ??JLS SERIES FUSES
Rev: 062617
More results

Similar Description - JLS

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
J60100-1STR COOPER-J60100-1STR Datasheet
160Kb / 2P
Class J Fuseblocks
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
Limitron짰 Quick-Acting Fuses Class J ??600 Volt
J60060-1CR COOPER-J60060-1CR Datasheet
160Kb / 2P
Class J Fuseblocks
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
DFJ Class J high speed fuses
JKS EATON-JKS Datasheet
881Kb / 4P
JKS fast-acting Class J fuses, up to 60 A
JKS-70 EATON-JKS-70 Datasheet
807Kb / 3P
JKS fast-acting Class J fuses, 70 to 600 A
logo
Littelfuse
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
CLASS J ??JLS SERIES FUSES
Rev: 062617
logo
Bourns Electronic Solut...
PF-JT3-30 BOURNS-PF-JT3-30 Datasheet
626Kb / 4P
PF-J Series – Industrial Power Fuses
2022
PF-J BOURNS-PF-J Datasheet
624Kb / 4P
PF-J Series – Industrial Power Fuses
REV. 05/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com