Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEB Datasheet(PDF) 1 Page - Littelfuse

Part # LEB
Description  In-Line Watertight Fuse Holders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LEB Datasheet(HTML) 1 Page - Littelfuse

  LEB Datasheet HTML 1Page - Littelfuse LEB Datasheet HTML 2Page - Littelfuse LEB Datasheet HTML 3Page - Littelfuse LEB Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWR-GARD® Blocks and Holders Datasheet
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
Rev: 042413
1 of 4
In-LIne WatertIght Fuse hoLders
LEB/LEX
LEC/LEY
TO
LOAD
TO
SOURCE
TO
LOAD
TO
SOURCE
Description
Recently redesigned, the Littelfuse 600 V in-line watertight
fuse holders allow maximum protection for high humidity
and corrosive environments. The fuse holders are
designed to be touch-safe and flexible for use in a variety
of applications. See the list below for the redesigned part
numbers.
Applications
• Street lighting and parking lot lighting
• Sports lighting and various outdoor illuminated signs
• Boat electrical circuits, tractors/yard equipment and
general outdoor circuit protection (such as traffic
signals, alley lighting and electric wheelchairs)
Specifications
Voltage rating
600 V
Ampere rating
up to 30 A
Interrupting rating 200 kA rms symmetrical (with Class CC fuses)
Approvals
LEB/LEX series UL Recognized Miscellaneous
Fuse holder per UL UL 4248 (File: E14721)
CSA Certified per C22.2, No. 39 (File: LR7316)
LEC/LEY series UL Listed Class CC Branch Circuit
Fuse holder per UL 512 (File: E14721)
CSA Certified per C22.2, No. 39 (File: LR7316)
Features/Benefits
• Design increases safety by facilitating individual device
disconnection for easy servicing, eliminating shock risk
• Increases efficiency by preventing faulted ballast from
severely damaging fixture or device
• Designed to meet IP67 touch-safe standards
• Watertight o-ring seal
• Variety of terminations available for flexible design
• Insulating boots available for harsh environments
Recommended Fuses
LEB/LEX series:
Class CC Series: CCMR, KLDR, KLKR
Midget Series: BLF, BLN, FLM, FLQ, KLK, KLKD
LEC/LEY series:
Class CC Series: CCMR, KLDR, KLKR
Web Resources
Sample requests, downloadable CAD drawings and other
technical information: Littelfuse.com/in-line
IMPROVED
Look for these part numbers featuring our
improved design
• Better surface area for ergonomic comfort, improved grip
and better torque
• More pronounced seating – automatically seats as user
begins twisting
• Chamfered edges for additional installation comfort
Base Part
nuMBer
PrevIous orderIng
nuMBer
neW orderIng
nuMBer
LEB-AA
0LEB00AAX
0LEB00AAXK
LEB-AA-S
0LEB0AASX
0LEB0AASXK
LEB-AB
0LEB00ABX
0LEB00ABXK
LEB-AYC-S
0LEBAYCSX
0LEBAYCSXK
LEB-BB
0LEB00BBX
0LEB00BBXK
LEB-JJ
0LEB00JJX
0LEB00JJXK
LEB-JJ-S
0LEB0JJSX
0LEB0JJSXK


Similar Part No. - LEB

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LEB-18C PAIRUI-LEB-18C Datasheet
511Kb / 4P
Constant crurrent LED Drivers
LEB-18V PAIRUI-LEB-18V Datasheet
516Kb / 4P
Constant voltage LED Drivers
logo
TE Connectivity Ltd
LEB-A4P-8A TEC-LEB-A4P-8A Datasheet
50Kb / 1P
Tyco Electronics
Rev1
logo
Littelfuse
LEB-AA-K LITTELFUSE-LEB-AA-K Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LEB-AA-SK LITTELFUSE-LEB-AA-SK Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
More results

Similar Description - LEB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LET LITTELFUSE-LET Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEY LITTELFUSE-LEY Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB1 LITTELFUSE-WPB1 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB3 LITTELFUSE-WPB3 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
HHC ETC1-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders
HHL ETC1-HHL Datasheet
225Kb / 2P
Automotive in-line fuse holders
logo
Littelfuse
LEB LITTELFUSE-LEB_V01 Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com