Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-4G Datasheet(PDF) 42 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-4G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-4G Datasheet(HTML) 42 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-4G Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 41Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 42Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 43Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 44Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 45Page - Aavid, Thermal Division of Boyd Corporation SW63-4G Datasheet HTML 46Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 116 page
background image
42
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
6237
Hat section style heat sink featuring an integrated clip
Hat section style heat sink
features an integrated clip
for secure attachment to the
device without added hard-
ware. Available in two finishes.
14.22
(0.560)
2.54
(0.100)
22.86
(0.900)
9.52
(0.375)
13.21
(0.520)
Top is cut away
to show detail
17.78
(0.700)
Part Number
Finish
6237BG
Black anodize
6237PBG
Pre-black anodize*
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
02
4
6
8
10
16
12
4
8
0
0
400
200
600
800
1000
ORDERING INFORMATION
TYP 2
4.19
(0.165)
14.73
(0.580)
1.78
(0.070)
11.18
(0.440)
2.41
(0.095)
4.83
(0.190)
TYP 6
1.98
(0.078)
R
DETAIL-A
TYP 2
3.56
(0.140)
2
1
REF
15.49
(0.61)
REF
33.27
(1.31)
REF
27.69
(1.09)
@ BASE
33.27
(1.310)
SQ.
REF
46.48
(1.83)
REF
6.35
(0.25)
THRU
TYP 8
3.66
(0.144)
SEE DETAIL "A"
1
2
CL
ø
ø
CL
CL
TYP 2
CL
TYP 2
"X"
"X"
Part Number
Description
569022B00000G
High power, square basket, folded back fin heat sink
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
High power, square basket heat sink
accommodates two TO-220 devices.
Features folded back fins for increased
surface area for maximum cooling.
5690
High power, square basket heat sink with folded back fins
Material: 1.02 (0.040) Thick Aluminum
Finish: See Table
Material: 1.60 (0.063) Thick Aluminum
Finish: Black Anodize
TO-220 Heat Sinks
* Edges cut during the manufacturing process will be unfinished.
See page 110 for more information
Position
Code
Description
Location
Details
A
01
6–32 Wave On threaded insert, 0.100 stand off 0.062 Bd
Hole X
Page 89
For additional options see page 82
POPULAR OPTIONS:
Base part no.
A
569022B0 00 00G
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com