Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWRBUSBAR Datasheet(PDF) 1 Page - Littelfuse

Part # POWRBUSBAR
Description  BUS BAR SYSTEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

POWRBUSBAR Datasheet(HTML) 1 Page - Littelfuse

  POWRBUSBAR Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© January 2012 Littelfuse POWR-GARD Products
www.littelfuse.com
POWR-GARD® POWR-SAFE Dead Front Holders
Bus Bar
1
Specifications
Voltage Ratings:
600 VAC/DC
1000 VDC*
Current Ratings:
SCCR:
10 kA, 100 kA**
Conductor:
Copper
Pitch:
17.8 mm
Approvals:
UL508 File E328654
Environmentals:
RoHS Compliant and Pb free
End caps are standard with all 3 phase configurations except
57-pole meter length. End caps aren’t needed for the 1 phase
configurations from the factory or if the copper bus is trimmed
per the supplied instructions. Power feed lugs and protective
covers are extra.
bus bar system
POWR Distribution
3 PHase, 25 mm2
LeNGtH
(mm)
system
Number
PoLes
3PH6P25mm
6
104
3PH9P25mm
9
158
3PH12P25mm
12
214
3PH15P25mm
15
266
3PH57P25mm
57
1009
Endcaps
Part Number: EDCP42
for Single Phase 50 piece bag
Part Number: EDCP7
for Three Phase
50 piece bag
Description
A key objective for panel designers is safe distribution of power
to multiple fuseholders in a compact design. The Littelfuse
UL508 bus bar system eliminates most wire terminations in a
timesaving package. A power distribution block and associated
conductors are no longer needed to feed multiple POWR-SAFE
fuseholders.
Features/Benefits
• Touch-safe design offers protection when replacing fuses
• Compact design
• 35 mm DIN Rail Mountable
• Available in one and three phase configurations
• No fuse pullers or tools required for fuse removal
• RoHS Compliant and Pb free
• Can be cut down to optimal size
Recommended Fuseholders
LPSM (600 V)
LPSC (600 V)
LPHV (1000 V)
Web Resources
Downloadable CAD drawings and other technical information:
www.littelfuse.com/busbar
Accessories
*1 Phase 18 mm2 rated 1000 VDC up to 160 A when center fed
1 Phase 25 mm2 rated 1000 VDC up to 200 A when center fed
**When protected directly upstream by Class J 175 amperes max (18 mm2 bus bar)
and Class J 200 amperes max (25 mm2 bus bar).
Ordering Information
1 PHase, 18 mm2
LeNGtH
(mm)
system
Number
PoLes
1PH3P18mm
3
50
1PH6P18mm
6
104
1PH9P18mm
9
155
1PH12P18mm
12
208
1PH15P18mm
15
270
1PH57P18mm
57
1009
1 PHase, 25 mm2
LeNGtH
(mm)
system
Number
PoLes
1PH3P25mm
3
50
1PH6P25mm
6
104
1PH9P25mm
9
155
1PH12P25mm
12
208
1PH15P25
15
270
1PH57P25mm
57
1009
3 PHase, 18 mm2
LeNGtH
(mm)
system
Number
PoLes
3PH6P18mm
6
104
3PH9P18mm
9
158
3PH12P18mm
12
214
3PH15P18mm
15
266
3PH57P18mm
57
1009
Pole Protective Covers
Part Number:
CTPT5
5 covers
Power Feed Lug
Part Number:
BB18
Ampere Rating:
115 A
Wire:
#10 – 1/0 AWG copper
Torque:
50 lb-in
Cross seCtioN (mm2)
18 mm2
25 mm2
END FED
80 A
100 A
CENTER FED
160 A
200 A


Similar Part No. - POWRBUSBAR

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
In-System Programmable Power Supply Monitoring and Margining Controller
More results

Similar Description - POWRBUSBAR

ManufacturerPart #DatasheetDescription
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
Molex Electronics Ltd.
45711-1000 MOLEX-45711-1000 Datasheet
247Kb / 2P
Bus Bar Connector (BBC)
logo
Bourns Electronic Solut...
1200-BB BOURNS-1200-BB Datasheet
229Kb / 2P
Series Bus Bar Accessory
logo
ERNI Electronics
366346 ERNI-366346 Datasheet
159Kb / 1P
ERBIC BUS-SYSTEM
logo
Tripp Lite. All Rights ...
SRGROUND TRIPPLITE-SRGROUND Datasheet
515Kb / 2P
SmartRack Copper Bus Grounding Bar
logo
Littelfuse
BB18 LITTELFUSE-BB18 Datasheet
236Kb / 1P
POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
1PH3P18MM LITTELFUSE-1PH3P18MM Datasheet
258Kb / 1P
POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
logo
Belden Inc.
8011 BELDEN-8011 Datasheet
152Kb / 2P
Bus Bar Wire, #12 Sol TC
05-05-2023
8012 BELDEN-8012 Datasheet
152Kb / 2P
Bus Bar Wire, #14 Sol TC
05-05-2023
logo
FIBOX Enclosing innovat...
3532385 FIBOX-3532385 Datasheet
65Kb / 1P
Bus-bar holder set
31.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com