Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051K8U6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F051K8U6
Description  Low- and medium-density advanced ARM??based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051K8U6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F051K8U6 Datasheet HTML 42Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 43Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 44Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 45Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 46Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 47Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 48Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 49Page - STMicroelectronics STM32F051K8U6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
STM32F051x
Electrical characteristics
Doc ID 022265 Rev 3
47/105
Table 25.
Typical and maximum current consumption from VDD supply at VDD = 3.6 V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA
(1)
Typ
Max @ TA
(1)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDD
Supply
current in
Run mode,
code
executing
from Flash
HSE
bypass,
PLL on
48 MHz
22
22.8
22.8
23.8
11.8
12.7
12.7
13.3
mA
32 MHz
15
15.5
15.5
16.0
7.6
8.7
8.7
9.0
24 MHz 12.2
13.2
13.2
13.6
7.2
7.9
7.9
8.1
HSE
bypass,
PLL off
8 MHz
4.4
5.2
5.2
5.4
2.7
2.9
2.9
3.0
1 MHz
1
1.3
1.3
1.4
0.7
0.9
0.9
0.9
HSI clock,
PLL on
48 MHz
22
22.8
22.8
23.8
11.8
12.7
12.7
13.3
32 MHz
15
15.5
15.5
16.0
7.6
8.7
8.7
9.0
24 MHz 12.2
13.2
13.2
13.6
7.2
7.9
7.9
8.1
HSI clock,
PLL off
8 MHz
4.4
5.2
5.2
5.4
2.7
2.9
2.9
3.0
Supply
current in
Run mode,
code
executing
from RAM
HSE
bypass,
PLL on
48 MHz 22.2 23.2(2)
23.2
24.4(2)
12.0 12.7(2)
12.7
13.3(2)
32 MHz 15.4
16.3
16.3
16.8
7.8
8.7
8.7
9.0
24 MHz 11.2
12.2
12.2
12.8
6.2
7.9
7.9
8.1
HSE
bypass,
PLL off
8 MHz
4.0
4.5
4.5
4.7
1.9
2.9
2.9
3.0
1 MHz
0.6
0.8
0.8
0.9
0.3
0.6
0.6
0.7
HSI clock,
PLL on
48 MHz 22.2
23.2
23.2
24.4
12.0
12.7
12.7
13.3
32 MHz 15.4
16.3
16.3
16.8
7.8
8.7
8.7
9.0
24 MHz 11.2
12.2
12.2
12.8
6.2
7.9
7.9
8.1
HSI clock,
PLL off
8 MHz
4.0
4.5
4.5
4.7
1.9
2.9
2.9
3.0
Supply
current in
Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass,
PLL on
48 MHz
14
15.3(2)
15.3
16.0(2)
2.8
3.0(2)
3.0
3.2(2)
32 MHz
9.5
10.2
10.2
10.7
2.0
2.1
2.1
2.3
24 MHz
7.3
7.8
7.8
8.3
1.5
1.7
1.7
1.9
HSE
bypass,
PLL off
8 MHz
2.6
2.9
2.9
3.0
0.6
0.8
0.8
0.8
1 MHz
0.4
0.6
0.6
0.6
0.2
0.4
0.4
0.4
HSI clock,
PLL on
48 MHz
14
15.3
15.3
16.0
3.8
4.0
4.1
4.2
32 MHz
9.5
10.2
10.2
10.7
2.6
2.7
2.8
2.8
24 MHz
7.3
7.8
7.8
8.3
2.0
2.1
2.1
2.1
HSI clock,
PLL off
8 MHz
2.6
2.9
2.9
3.0
0.6
0.8
0.8
0.8
1.
Data based on characterization results, not tested in production unless otherwise specified.
2.
Data based on characterization results and tested in production with code executing from RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com