Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F207ZET6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F207ZET6
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ZET6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F207ZET6 Datasheet HTML 57Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 58Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 59Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 60Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 61Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 62Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 63Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 64Page - STMicroelectronics STM32F207ZET6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 177 page
background image
STM32F20xxx
Electrical characteristics
Doc ID 15818 Rev 9
61/177
5.1.6
Power supply scheme
Figure 17.
Power supply scheme
1.
Each power supply pair must be decoupled with filtering ceramic capacitors as shown above. These capacitors must be
placed as close as possible to, or below, the appropriate pins on the underside of the PCB to ensure the good functionality
of the device.
2.
To connect REGOFF and IRROFF pins, refer to Section 2.2.16: Voltage regulator.
3.
The two 2.2 µF ceramic capacitors should be replaced by two 100 nF decoupling capacitors when the voltage regulator is
OFF.
4.
The 4.7 µF ceramic capacitor must be connected to one of the VDD pin.
ai17527e
VDD
1/2/...14/15
VBAT
GP I/O s
OUT
IN
Kernel logic
(CPU,
digital
& RAM)
Backup circuitry
(OSC32K,RTC,
Backup registers,
backup RAM)
Wakeup logic
15 × 100 nF
+ 1 × 4.7 μF
1.8-3.6 V
VSS
1/2/...14/15
VDDA
VREF+
VREF-
VSSA
ADC
IO
Logic
VDD
100 nF
+ 1 μF
VREF
100 nF
+ 1 μF
VDD
Flash memory
VCAP_1
VCAP_2
2 × 2.2 μF
REGOFF
IRROFF
Power switch
Analog
RCs, PLL,
...
Voltage
regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com