Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN3P6F6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STN3P6F6
Description  P-channel 60 V, 0.13 Ω typ., 3 A STripFET™VI DeepGATE??Power MOSFET in a SOT-223 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3P6F6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STN3P6F6 Datasheet HTML 4Page - STMicroelectronics STN3P6F6 Datasheet HTML 5Page - STMicroelectronics STN3P6F6 Datasheet HTML 6Page - STMicroelectronics STN3P6F6 Datasheet HTML 7Page - STMicroelectronics STN3P6F6 Datasheet HTML 8Page - STMicroelectronics STN3P6F6 Datasheet HTML 9Page - STMicroelectronics STN3P6F6 Datasheet HTML 10Page - STMicroelectronics STN3P6F6 Datasheet HTML 11Page - STMicroelectronics STN3P6F6 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID023758 Rev 4
11/12
STN3P6F6
Revision history
5
Revision history
Table 9. Document revision history
Date
Revision
Changes
31-Oct-2012
1
First release.
09-Nov-2012
2
Modified: note 1 in Table 3
16-Jan-2013
3
Document status promoted from preliminary data to production data
14-Mar-2013
4
Modified: Figure 1, 3, Ciss, Coss, Crss typical values in Table 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com