Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW57N65M5 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW57N65M5
Description  N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW57N65M5 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW57N65M5 Datasheet HTML 14Page - STMicroelectronics STW57N65M5 Datasheet HTML 15Page - STMicroelectronics STW57N65M5 Datasheet HTML 16Page - STMicroelectronics STW57N65M5 Datasheet HTML 17Page - STMicroelectronics STW57N65M5 Datasheet HTML 18Page - STMicroelectronics STW57N65M5 Datasheet HTML 19Page - STMicroelectronics STW57N65M5 Datasheet HTML 20Page - STMicroelectronics STW57N65M5 Datasheet HTML 21Page - STMicroelectronics STW57N65M5 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
STB57N65M5, STF57N65M5, STI57N65M5, STP57N65M5
Revision history
Doc ID 022849 Rev 4
21/22
6
Revision history
Table 13.
Document revision history
Date
Revision
Changes
06-Apr-2012
1
First release.
04-Jul-2012
2
Document status promoted from preliminary to production data.
Added Section 2.1: Electrical characteristics (curves).
21-Aug-2012
3
Updated symbols and parameters in Table 6: Switching times.
Minor text change on the cover page.
04-Dec-2012
4
The part number STW57N65M5 has been moved to a separate
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com