Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2035-09-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2035-09-SM-RPLF
Description  2035-xx-SM Precision Gas Discharge Tube Surge Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2035-09-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2035-09-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2035-09-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Leadless, surface mount for economical
assembly
■ Compact mini-size
■ High surge current rating
■ Low capacitance and insertion loss
■ Stable breakdown throughout life
■
UL Recognized
■ RoHS compliant* version available
Characteristics
2035-xx-SM Precision Gas Discharge Tube Surge Protector
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12, IEEE C62.31
Characteristic
Model No.
2035-09
2035-15
2035-20
2035-23
2035-25
2035-30
DC Sparkover ±15 %
(±20 % for Model 2035-09) @ 100 V/s
90 V
150 V
200 V
230 V
250 V
300V
Impulse Sparkover
100 V/µs
1000 V/µs
350 V
525 V
400 V
550 V
425 V
575 V
450 V
600 V
475 V
625 V
525 V
650 V
Insulation Resistance (IR) ...................100 V (50 V for Model 2035-09) ............................................. > 1010
Ω
Glow Voltage ......................................10 mA ..................................................................................... ~ 70 V
Arc Voltage .........................................>1 A ........................................................................................ ~ 10 V
Glow-Arc Transition Current ............................................................................................................... < 0.5 A
Capacitance .......................................1 MHz ..................................................................................... < 1 pF
DC Holdover Voltage1 .......................>135 V, (52 V for Model 2035-09,........................................... < 150 ms
80 V for Model 2035-15)
Impulse Discharge Current.................10000 A, 8/20 µs2 .................................................................. 1 operation minimum
5000 A, 8/20 µs ...................................................................... > 10 operations
1000 A, 10/350 µs .................................................................. 1 operation
100 A, 10/1000 µs ................................................................. > 300 operations
100 A, 10/700 µs ................................................................... > 500 operations
Alternating Discharge Current ............20 Arms, 11 cycles2 ............................................................... 1 operation minimum
5 Arms, 1 s ............................................................................. > 10 operations
Operating Temperature....................................................................................................................... -55 to +85 °C
Climatic Category (IEC 60068-1)........................................................................................................ 40/90/21
Notes:
• UL Recognized component, UL File E153537
• Surface Mount (SM) parts may show a temporary increase in DCBD after the solder reflow process. Most devices will recover
within 24 hours time. It should be noted that there is no quality defect nor change in protection levels during the temporary change
in DCBD.
• Sparkover limits after life ±20 % (-25 %, +30 % for Model 2035-09, 2035-60), IR >108.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
1 Network applied.
2 Tube may exceed ±20 % but will continue to protect without venting.
Characteristic
Model No.
2035-35
2035-40
2035-42
2035-47
2035-60
DC Sparkover ±15 % @ 100 V/s
(-12 %, +15 % for Model 2035-60) @ 100 V/s
350 V
400 V
420 V
470 V
600 V
Impulse Sparkover
100 V/µs
1000 V/µs
600 V
750 V
650 V
800 V
675 V
850 V
750 V
950 V
950 V
1100 V
Bourns now offers a surface mount (SM) 2-electrode GDT surge protection device. The industry-leading quality and features of the
Bourns® miniature 2035 Series GDT continue in this new SM version. Compatible with “pick and place” assembly systems, the SM is
ideal for high-density applications such as PCBs for telecommunications, commercial and industrial applications.


Similar Part No. - 2035-09-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF Datasheet
217Kb / 1P
Satellite Receiver RF Input
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_12 Datasheet
217Kb / 1P
Satellite Receiver RF Input
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2035-09-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-23-SM-RPLF BOURNS-2036-23-SM-RPLF Datasheet
257Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2027-35-SMLF BOURNS-2027-35-SMLF Datasheet
187Kb / 2P
2027-xx-SM Precision Gas Discharge Tube Surge Protector
2035-60-SM-RPLF BOURNS-2035-60-SM-RPLF Datasheet
275Kb / 2P
2035-xx-SM Precision Gas Discharge Tube Surge Protector
2036-30-SM-RPLF BOURNS-2036-30-SM-RPLF Datasheet
242Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-15-SM-RPLF BOURNS-2036-15-SM-RPLF Datasheet
250Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-07-B2LF BOURNS-2036-07-B2LF Datasheet
245Kb / 2P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2035-35-SM BOURNS-2035-35-SM Datasheet
275Kb / 2P
2035-xx-SM Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com