Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511MLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 511MLF
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

511MLF Datasheet(HTML) 4 Page - Integrated Device Technology

  511MLF Datasheet HTML 1Page - Integrated Device Technology 511MLF Datasheet HTML 2Page - Integrated Device Technology 511MLF Datasheet HTML 3Page - Integrated Device Technology 511MLF Datasheet HTML 4Page - Integrated Device Technology 511MLF Datasheet HTML 5Page - Integrated Device Technology 511MLF Datasheet HTML 6Page - Integrated Device Technology 511MLF Datasheet HTML 7Page - Integrated Device Technology 511MLF Datasheet HTML 8Page - Integrated Device Technology 511MLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICS511
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
4
ICS511
REV K 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS511. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (Commercial grade)
0 to +70
° C
Ambient Operating Temperature (Industrial grade)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.135
+5.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com