Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS365BGLF Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS9LPRS365BGLF
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS365BGLF Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS9LPRS365BGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS9LPRS365
Advance Information
1218—09/09/09
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Maximum Supply Voltage
VDDxxx
Core/Logic Supply
4.6
V
1,2
Maximum Supply Voltage
VDDxxx_IO
Low Voltage Differential I/O Supply
3.8
V
1,2
Maximum Input Voltage
V
IH
3.3V LVCMOS Inputs
4.6
V
1,2,3
Minimum Input Voltage
V
IL
Any Input
GND - 0.5
V
1,2
Storage Temperature
Ts
-
-65
150
°C1,2
Case Temperature
Tcase
-
115
°C
1,2
Input ESD protection
ESD prot
Human Body Model
2000
V
1,2
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied, nor guaranteed.
3 Maximum input voltage is not to exceed maximum VDD
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Notes
Ambient Operating Temp
Tambient
-
0
70
°C
1
Supply Voltage
VDDxxx
Supply Voltage
3.135
3.465
V
1
Supply Voltage
VDDxxx_IO
Low-Voltage Differential I/O Supply
1
3.465
V
1
Input High Voltage
V
IHSE
Single-ended inputs
2
V
DD + 0.3
V
1
Input Low Voltage
V
ILSE
Single-ended inputs
V
SS - 0.3
0.8
V
1
Input Leakage Current
I
IN
V
IN = VDD , VIN = GND
-5
5
uA
1
Input Leakage Current
I
INRES
Inputs with pull or pull down resistors
V
IN = VDD , VIN = GND
-200
200
uA
1
Output High Voltage
V
OHSE
Single-ended outputs, I
OH = -1mA
2.4
V
1
Output Low Voltage
V
OLSE
Single-ended outputs, I
OL = 1 mA
0.4
V
1
Output High Voltage
V
OHDIF
Differential Outputs, I
OH = TBD mA
0.7
0.9
V
1
Output Low Voltage
V
OLDIF
Differential Outputs, I
OL = TBD mA
0.4
V
1
Low Threshold Input-
High Voltage (Test Mode)
V
IH_FS_TEST
3.3 V +/-5%
2
V
DD + 0.3
V
1
Low Threshold Input-
High Voltage
V
IH_FS
3.3 V +/-5%
0.7
1.5
V
1
Low Threshold Input-
Low Voltage
V
IL_FS
3.3 V +/-5%
V
SS - 0.3
0.35
V
1
I
DD_DEFAULT
3.3V supply, PLL3 off
95
250
mA
1
I
DD_PLL3DIF
3.3V supply, PLL3 Differential Out
106
250
mA
1
I
DD_PLL3SE
3.3V supply, PLL3 Single-ended Out
101
250
mA
1
I
DD_IO
0.8V supply, Differential IO current,
all outputs enabled
25
32
80
mA
1
I
DD_PD3.3
3.3V supply, Power Down Mode
26
30
mA
1
I
DD_PDIO
0.8V IO supply, Power Down Mode
0.23
0.5
mA
1
I
DD_iAMT3.3
3.3V supply, iAMT Mode
47
80
mA
1
I
DD_iAMT0.8
0.8V IO supply, iAMTMode
5
10
mA
1
Input Frequency
F
i
V
DD = 3.3 V
14.318
MHz
1
Pin Inductance
L
pin
7nH
1
C
IN
Logic Inputs
1.5
5
pF
1
C
OUT
Output pin capacitance
6
pF
1
C
INX
X1 & X2 pins
5
pF
1
Spread Spectrum Modulation
Frequency
f
SSMOD
Triangular Modulation
30
33
kHz
1
*T
A = 0 - 70°C; VDD = 3.3 V +/-5%
Operating Supply Current
Power Down Current
iAMT Mode Current
Input Capacitance
1Guaranteed by design and characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com