Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # M68000
Description  8-/16-/32-Bit Microprocessors User?셲 Manual
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button M68000 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 189 page
background image
5- 30
M68000 8-/16-/32-BIT MICROPROCESSORS USER'S MANUAL
MOTOROLA
executing a reset instruction is ignored. Since the processor asserts the RESET signal for
124 clock cycles during execution of a reset instruction, an external reset should assert
RESET for at least 132 clock periods.
5.6 THE RELATIONSHIP OF
DTACK, BERR, AND HALT
To properly control termination of a bus cycle for a retry or a bus error condition, DTACK,
BERR, and HALT should be asserted and negated on the rising edge of the processor
clock. This relationship assures that when two signals are asserted simultaneously, the
required setup time (specification #47, Section 9 Electrical Characteristics) for both of
them is met during the same bus state. External circuitry should be designed to
incorporate this precaution. A related specification, #48, can be ignored when DTACK,
BERR, and HALT are asserted and negated on the rising edge of the processor clock.
The possible bus cycle termination can be summarized as follows (case numbers refer to
Table 5-5).
Normal Termination:
DTACK is asserted. BERR and HALT remain negated (case 1).
Halt Termination:
HALT is asserted coincident with or preceding DTACK, and
BERR remains negated (case 2).
Bus Error Termination:
BERR is asserted in lieu of, coincident with, or preceding
DTACK (case 3). In the MC68010, the late bus error also,
BERR is asserted following DTACK (case 4). HALT remains
negated and BERR is negated coincident with or after DTACK.
Retry Termination:
HALT and BERR asserted in lieu of, coincident with, or before
DTACK (case 5). In the MC68010, the late retry also, BERR
and HALT are asserted following DTACK (case 6). BERR is
negated coincident with or after DTACK. HALT must be held at
least one cycle after BERR.
Table 5-1 shows the details of the resulting bus cycle termination in the M68000
microprocessors for various combinations of signal sequences.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com