Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC705L16CFUE Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC705L16CFUE
Description  Microcontrollers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC705L16CFUE Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC705L16CFUE Datasheet HTML 17Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 18Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 19Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 20Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 21Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 22Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 23Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 24Page - Freescale Semiconductor, Inc MC705L16CFUE Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
Modes of Operation
MC68HC05L16 • MC68HC705L16 Data Sheet, Rev. 4.1
Freescale Semiconductor
21
Figure 1-5. Mode Entry Diagram
1.6.2 Single-Chip Mode (SCM)
In this mode, all address and data bus activity occurs within the MCU. Thus, no external pins are required
for these functions. The single-chip mode allows the maximum number of I/O pins for on-chip peripheral
functions, for example, ports A through E, and LCD drivers.
1.6.3 Self-Check Mode
In this mode, the reset vector is fetched from a 496-byte internal self-check ROM at $FE00–$FFEF. The
self-check ROM contains a self-check program to test the functions of internal modules.
Since this mode is not a normal user mode, all of the privileged control bits are accessible. This allows
the self-check mode to be used for self- test of the device.
VTST
VDD
VSS
VDD
VSS
IRQ2
IRQ1
RESET
SINGLE-CHIP MODE
VTST = 2 x VDD
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com