Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM2012 Datasheet(PDF) 5 Page - TDK Electronics

Part # ACM2012
Description  Common Mode Filters For high-speed differential signal line/general signal line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012 Datasheet(HTML) 5 Page - TDK Electronics

  ACM2012 Datasheet HTML 1Page - TDK Electronics ACM2012 Datasheet HTML 2Page - TDK Electronics ACM2012 Datasheet HTML 3Page - TDK Electronics ACM2012 Datasheet HTML 4Page - TDK Electronics ACM2012 Datasheet HTML 5Page - TDK Electronics ACM2012 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(4/5)
001-03 / 20110928 / e9712_acm.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
2-LINE
ACM2012-900-2P
ACM2012-121-2P
ACM2012-201-2P
ACM2012-361-2P
ACM2520-301-2P
ACM2520-451-2P
ACM2520-601-2P
ACM2520-102-2P
ACM3225-800-2P
ACM3225-161-2P
ACM3225-271-2P
ACM3225-102-2P
MEASURING CIRCUITS
2-LINE
1000
1
10
100
1000
10000
1000
100
1
10
Frequency(MHz)
Differential
mode
Common mode
1000
1
10
100
10000
1000
100
1
10
Differential
mode
Common mode
Frequency(MHz)
1000
1
10
100
10000
1000
100
1
10
Differential
mode
Common mode
Frequency(MHz)
1000
Common-mode
1
10
100
1000
10000
1000
100
1
10
Differential
mode
Frequency(MHz)
1
1000
1
10
100
10000
1000
100
10
Frequency(MHz)
Differential
mode
Common mode
1
10
100
1000
10000
1000
100
1
10
Differential
mode
Common mode
Frequency(MHz)
1
10
100
1000
10000
1000
100
1
10
Differential
mode
Common mode
Frequency(MHz)
1
10
100
1000
10000
1000
100
1
10
Frequency(MHz)
Differential
mode
Common mode
1
10
100
1000
1000
100
1
10
Frequency(MHz)
Differential mode
Common mode
1
10
100
1000
10000
1000
100
1
10
Frequency(MHz)
Differential
mode
Common mode
1
10
100
1000
10000
1000
100
1
10
Frequency(MHz)
Differential
mode
Common mode
1
10
100
1000
10000
1000
100
1
10
Frequency(MHz)
Differential
mode
Common mode
HP4291A
Differential mode
HP4291A
Common mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com