Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68060UM/AD Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # M68060UM/AD
Description  Superscalar 32-Bit Microprocessors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68060UM/AD Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button M68060UM/AD Datasheet HTML 2Page - Freescale Semiconductor, Inc M68060UM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68060UM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68060UM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68060UM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68060UM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68060UM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68060UM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc M68060UM/AD Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MOTOROLA
MC68060 PRODUCT INFORMATION
9
POWER MANAGEMENT
The MC68060 is very power efficient due to the static logic and power management designed into the basic
architecture. Each stage of the integer unit pipelines and the FPU pipeline draws power only when an
instruction is executing, and the cache arrays draw power only when an access is made. The FPU, secondary
integer execution pipeline, branch cache, and instruction and data caches can be disabled to reduce overall
power usage. The 3.3-V power supply reduces current consumption by 40–60% over that of microprocessors
using a 5-V power supply.
The MC68060 has additional methods for dynamically controlling power consumption during operation.
Running a special LPSTOP instruction shuts down the active circuits in the processor, halting instruction
execution. Power consumption in this standby mode is greatly reduced. Processing can be resumed by
resetting the processor or by generating an interrupt. The frequency of operation can be lowered to reduce
current consumption while the device is in LPSTOP mode.
PHYSICAL
The MC68060 is available in ceramic PGA and CQFP packaging configurations. All parts operate from a
3.3 V 5% power supply but directly interface to 3.3 V or 5 V peripherals and logic. The following table identifies
the operating frequencies available for the various M68060 microprocessors.
The documents listed in the following table contain detailed information on the MC68060. These documents
may be obtained from the Literature Distribution Centers at the addresses listed on the back page.
Processor
40 MHz
50 MHz
66 MHz
MC68060
X
X
MC68LC060
X
X
MC68EC060
X
X
X
Document Title
Order Number
Contents
M68060 User's Manual
M68060UM/AD
Detailed information for design
M68000 Family Programmer's Reference Manual
M68000PM/AD
M68000 Family Instruction Set
The 68K Source
BR729/D
Independent vendor listing supporting
software and development tools
3.3 Volt Logic and Interface Circuits
BR1407/D
Low voltage interface components
QFP
PACKAGING
IS
NOT
AVAILABLE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com