Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC56F8006VWL Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PC56F8006VWL
Description  Digital Signal Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC56F8006VWL Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PC56F8006VWL Datasheet HTML 17Page - Freescale Semiconductor, Inc PC56F8006VWL Datasheet HTML 18Page - Freescale Semiconductor, Inc PC56F8006VWL Datasheet HTML 19Page - Freescale Semiconductor, Inc PC56F8006VWL Datasheet HTML 20Page - Freescale Semiconductor, Inc PC56F8006VWL Datasheet HTML 21Page - Freescale Semiconductor, Inc PC56F8006VWL Datasheet HTML 22Page - Freescale Semiconductor, Inc PC56F8006VWL Datasheet HTML 23Page - Freescale Semiconductor, Inc PC56F8006VWL Datasheet HTML 24Page - Freescale Semiconductor, Inc PC56F8006VWL Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
Signal/Connection Descriptions
MC56F8006/MC56F8002 Digital Signal Controller, Rev. 4
Freescale Semiconductor
21
GPIOB1
(SS)
(SDA)
(ANA12 and
CMP2_P3)
27
2
30
2
Input/
Output
Input/
Output
Input/Open-
drain
Output
Analog
input
Input,
internal
pullup
enabled
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
SS — SS is used in slave mode to indicate to the SPI module that
the current transfer is to be received.
SDA — The I2C serial data line.
ANA12 and CMP2_P3 — Analog input to channel 12 of ADCA and
Positive input 3 of analog comparator 2.
When used as an analog input, the signal goes to the ANA12 and
CMP2_P3.
After reset, the default state is GPIOB1.
GPIOB2
(MISO)
(TIN2)
(ANA2 and
ANB2)
(CMP0_
OUT)
17
13
25
Input/
Output
Input/
Output
Input/
Output
Analog
Input
Output
Input,
internal
pullup
enabled
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
MISO — Master in/slave out. In master mode, this pin serves as the
data input. In slave mode, this pin serves as the data output. The
MISO line of a slave device is placed in the high-impedance state if
the slave device is not selected.
TIN2 — Dual timer module channel 2 input.
ANA2 and ANB2 — Analog input to channel 2 of ADCA and ADCB.
CMP0_OUT— Analog comparator 0 output.
When used as an analog input, the signal goes to the ANA2 and
ANB2.
After reset, the default state is GPIOB2.
Table 5. 56F8006/56F8002 Signal and Package Information (continued)
Signal
Name
28
SOIC
32
LQFP
32
PSDI
P
48
LQFP
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com