Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41343DW Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SC41343DW
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41343DW Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SC41343DW Datasheet HTML 7Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 8Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 9Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 10Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 11Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 12Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 13Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 14Page - Freescale Semiconductor, Inc SC41343DW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
11
DATA PERIOD
ENCODER
OSCILLATOR
(PIN 12)
Dout
(PIN 15)
ENCODED
“ONE”
ENCODED
“ZERO”
ENCODED
“OPEN”
Figure 11. Encoder Data Waveforms
500
400
300
200
100
VDD = 15 V
VDD = 10 V
VDD = 5 V
Figure 12. fmax vs Clayout — Decoders Only
Clayout (pF) ON PINS 1 – 5 (MC145027); PINS 1 – 5 AND 12 – 15 (MC145028)
10
20
30
40
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com