Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5605BCLQ64 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PPC5605BCLQ64
Description  MPC5607B Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5605BCLQ64 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PPC5605BCLQ64 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC5605BCLQ64 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
Package pinouts and signal descriptions
MPC5607B Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
13
3.5
Pad types
In the device the following types of pads are available for system pins and functional port pins:
S = Slow1
M = Medium1 2
F = Fast1 2
I = Input only with analog feature1
J = Input/Output (‘S’ pad) with analog feature
X = Oscillator
3.6
System pins
The system pins are listed in Table 4.
VDD_HV_ADC1 Reference voltage and analog supply
for the A/D converter 1 (12-bit)
60
82
99
K13
1 A decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to ensure stable
voltage (see the recommended operating conditions in the device data sheet).
1. See the I/O pad electrical characteristics in the chip data sheet for details.
2. All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium. The only
exception is PC[1] which is in medium configuration by default (see the PCR.SRC description in the chip reference manual, Pad
Configuration Registers (PCR0–PCR148)).
Table 4. System pin descriptions
Port pin
Function
RESET
configuration
Pin number
100
LQFP
144
LQFP
176
LQFP
208 MAP
BGA1
1 208 MAPBGA available only as development package for Nexus2+
RESET Bidirectional reset with Schmitt-Trigger
characteristics and noise filter.
I/O
M
Input weak
pull-up after
RGM PHASE2
and 40 FIRC
cycles
17
21
29
J1
EXTAL
Analog output of the oscillator
amplifier circuit, when the oscillator is
not in bypass mode.
Analog input for the clock generator
when the oscillator is in bypass mode.
I/O
X
Tristate
36
50
58
N8
XTAL
Analog input of the oscillator amplifier
circuit. Needs to be grounded if
oscillator bypass mode is used.
I
X
Tristate
34
48
56
P8
Table 3. Voltage supply pin descriptions (continued)
Port pin
Function
Pin number
100 LQFP
144 LQFP
176 LQFP
208 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com