Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM5030T-R35M Datasheet(PDF) 22 Page - TDK Electronics

Part # SPM5030T-R35M
Description  Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM5030T-R35M Datasheet(HTML) 22 Page - TDK Electronics

Back Button SPM5030T-R35M Datasheet HTML 17Page - TDK Electronics SPM5030T-R35M Datasheet HTML 18Page - TDK Electronics SPM5030T-R35M Datasheet HTML 19Page - TDK Electronics SPM5030T-R35M Datasheet HTML 20Page - TDK Electronics SPM5030T-R35M Datasheet HTML 21Page - TDK Electronics SPM5030T-R35M Datasheet HTML 22Page - TDK Electronics SPM5030T-R35M Datasheet HTML 23Page - TDK Electronics SPM5030T-R35M Datasheet HTML 24Page - TDK Electronics SPM5030T-R35M Datasheet HTML 25Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
(21/24)
INDUC
T
O
RS
001-01 / 20130527 / e531_spm.fm
• All specifications are subject to change without notice.
SPM series 
SPM6530 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (20% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
・The cleaning agent can not be used for these products.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(kHz)
DC resistance
(m
 )
Rated current(A)
Part No.
typ.
(µH)
Tolerance
max.
typ.
Idc1
Idc2
0.25
±20%
100
2.31
2.1
28.5
23
SPM6530T-R25M230
0.47
±20%
100
3.63
3.3
20.5
20
SPM6530T-R47M170
0.68
±20%
100
5.39
4.9
16.6
16
SPM6530T-R68M140
1.0
±20%
100
7.81
7.1
14.1
13
SPM6530T-1R0M120
1.5
±20%
100
10.67
9.7
11.5
11
SPM6530T-1R5M100
2.2
±20%
100
19
17.3
8.4
8.2
SPM6530T-2R2M
3.3
±20%
100
29.7
27
7.3
6.8
SPM6530T-3R3M
4.7
±20%
100
39.4
35.8
6.2
5.6
SPM6530T-4R7M
Measurement item
Product No.
Manufacturer
L
4284A
Agilent Technologies
DC resistance
AX-111A
ADEX
Rated current Idc1
4284A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com