Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CK45-R3AD221K-GRA Datasheet(PDF) 2 Page - TDK Electronics

Part # CK45-R3AD221K-GRA
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45-R3AD221K-GRA Datasheet(HTML) 2 Page - TDK Electronics

  CK45-R3AD221K-GRA Datasheet HTML 1Page - TDK Electronics CK45-R3AD221K-GRA Datasheet HTML 2Page - TDK Electronics CK45-R3AD221K-GRA Datasheet HTML 3Page - TDK Electronics CK45-R3AD221K-GRA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(1/3)
003-02 / 20110711 / e4937_rr.fm
• All specifications are subject to change without notice.
Mid-high Voltage Ceramic Capacitors(Disk with Lead)
Low Dissipation at High Frequency CK45-RR Series
FEATURES
• High voltage ceramic capacitors series, low dissipation factor
and higher reliability has been achieved through the use of TDK
original dielectric and copper for electrode material due to nice
matching of the ceramic dielectrics material for low dissipation
factor, and copper for electrode.
• These RR type ceramic capacitors are mainly used as withstand
voltage protection for power transistors and diodes of switching
power sources, for controlling noise, and for absorbing high-
frequency pulses such as from color TV horizontal output
circuits. The high density and high operating frequency of
switching power sources create high equipment temperatures.
• Low dissipation factor, and decreased self-heating temperature
in the high frequency, and high voltage application.
• These products shall conform to RoHS Directive due to lead(Pb)
free of lead wire and internal solder material.
• This product is compatible with halogen-free external resin
coating (we recommend halogen-free products as standard).
OPERATING TEMPERATURE RANGE: –25 to +125°C
(The maximum operating temperature of 125°C includes capacitor
self-generated heat of up to 20°C.)
PRODUCT IDENTIFICATION
(1) Type
(2) Shape
(3) Capacitance temperature
characteristics
(4) Rated voltage
(5) Nominal capacitance
(6) Capacitance tolerance
(7) Lead type
(8) Low dissipation
(9) Halogen-free compatible product
CAPACITANCE TEMPERATURE CHARACTERISTICS
AND TOLERANCE
CAPACITANCE AND DIMENSIONS
TEMPERATURE CHARACTERISTICS: R(+15, –30%)
RATED VOLTAGE Edc: 1kV
∗
: Lead shape symbol
• 1kV and 2kV are E6 series standard products.
Conformity to RoHS Directive
CK 45
-R 3AD 102
K -N R
A
(1) (2) (3)
(4)
(5)
(6) (7) (8) (9)
Temperature characteristics
Test temperature
range
Capacitance
tolerance
R(+15, –30%)
–25 to +125°C
K(±10%)
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-R3AD101K-
∗RA
CK45-R3AD101K-
∗R
100
6.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3AD151K-
RA
CK45-R3AD151K-
R
150
6.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3AD221K-
RA
CK45-R3AD221K-
R
220
6.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3AD331K-
RA
CK45-R3AD331K-
R
330
6.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3AD471K-
RA
CK45-R3AD471K-
R
470
7.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3AD681K-
RA
CK45-R3AD681K-
R
680
8.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3AD102K-
RA
CK45-R3AD102K-
R
1,000
9.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3AD152K-
RA
CK45-R3AD152K-
R
1,500
10.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3AD222K-
RA
CK45-R3AD222K-
R
2,200
11.5
5.0
7.5±1.5
0.6±0.05
V2
CK45-R3AD332K-
RA
CK45-R3AD332K-
R
3,300
13.5
5.0
7.5±1.5
0.6±0.05
V2
CK45-R3AD472K-
RA
CK45-R3AD472K-
R
4,700
15.5
5.0
10.0±2
0.6±0.05
—
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com