Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV25T-R33M-EFR Datasheet(PDF) 8 Page - TDK Electronics

Part # NLCV25T-R33M-EFR
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-R33M-EFR Datasheet(HTML) 8 Page - TDK Electronics

Back Button NLCV25T-R33M-EFR Datasheet HTML 4Page - TDK Electronics NLCV25T-R33M-EFR Datasheet HTML 5Page - TDK Electronics NLCV25T-R33M-EFR Datasheet HTML 6Page - TDK Electronics NLCV25T-R33M-EFR Datasheet HTML 7Page - TDK Electronics NLCV25T-R33M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-R33M-EFR Datasheet HTML 9Page - TDK Electronics NLCV25T-R33M-EFR Datasheet HTML 10Page - TDK Electronics NLCV25T-R33M-EFR Datasheet HTML 11Page - TDK Electronics NLCV25T-R33M-EFR Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
(6/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗
: Please specify lead-free compatible product, PF (Conformity to RoHS directive, exemption regulations apply) or EF (Conformity to RoHS directive)
• Test equipment L, Q: HP4194A IMPEDANCE ANALYZER+16085A+16093B+TF-1
SRF: HP8753C NETWORK ANALYZER
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
ref.
Test frequency L,Q
(MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω )±20%
Rated current
(mA)max.
Part No.
0.1
±20%
5
25.2
800
0.04
1890
NLCV25T-R10M-
∗R
0.15
±20%
5
25.2
500
0.044
1800
NLCV25T-R15M-
R
0.22
±20%
5
25.2
400
0.05
1690
NLCV25T-R22M-
R
0.33
±20%
5
25.2
300
0.065
1480
NLCV25T-R33M-
R
0.47
±20%
5
25.2
220
0.08
1340
NLCV25T-R47M-
R
0.68
±20%
5
25.2
160
0.09
1260
NLCV25T-R68M-
R
1
±20%
10
7.96
100
0.14
1000
NLCV25T-1R0M-
R
1.5
±20%
10
7.96
80
0.18
890
NLCV25T-1R5M-
R
2.2
±20%
10
7.96
68
0.27
730
NLCV25T-2R2M-
R
3.3
±20%
10
7.96
54
0.44
570
NLCV25T-3R3M-
R
4.7
±20%
10
7.96
46
0.57
500
NLCV25T-4R7M-
R
6.8
±20%
10
7.96
38
0.92
390
NLCV25T-6R8M-
R
10
±10%
15
2.52
30
1.1
360
NLCV25T-100K-
R
2.5±0.2
2±0.1
(0.4)
Terminal
electrode
1.4±0.1
Weight:25mg
Inductor
Solder land pattern
1.0
1.5
1.0
Dimensions in mm
0.01
100
10
0.1
1
1
10
100
Frequency(MHz)
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH
1
1
10
100000
10000
1000
100
10
100
Frequency(MHz)
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH
1
10
100
1000
10000
DC current(mA)
0.01
100
10
0.1
1
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com