Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX200AP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX200AP
Description  0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX200AP Datasheet(HTML) 4 Page - Motorola, Inc

  MPX200AP Datasheet HTML 1Page - Motorola, Inc MPX200AP Datasheet HTML 2Page - Motorola, Inc MPX200AP Datasheet HTML 3Page - Motorola, Inc MPX200AP Datasheet HTML 4Page - Motorola, Inc MPX200AP Datasheet HTML 5Page - Motorola, Inc MPX200AP Datasheet HTML 6Page - Motorola, Inc MPX200AP Datasheet HTML 7Page - Motorola, Inc MPX200AP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX200 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die from the environment. The differential
or gauge sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2. The absolute sensor is de-
signed for vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX200A, MPX200D
344–15C
Stainless Steel Cap
MPX200DP
344C–01
Side with Part Marking
MPX200AP, MPX200GP
344B–01
Side with Port Attached
MPX200GVP
344D–01
Stainless Steel Cap
MPX200AS, MPX200GS
344E–01
Side with Port Attached
MPX200GSX
344F–01
Side with Port Attached
MPX200GVSX
344G–01
Stainless Steel Cap
ORDERING INFORMATION
MPX200 series pressure sensors are available in absolute, differential and gauge configurations. Devices are available in the
basic element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose
pressure connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Differential
Case 344–15
MPX200A
MPX200D
MPX200A
MPX200D
Ported Elements
Differential
Case 344C–01
MPX200DP
MPX200DP
Absolute, Gauge
Case 344B–01
MPX200AP
MPX200GP
MPX200AP
MPX200GP
Gauge Vacuum
Case 344D–01
MPX200GVP
MPX200GVP
Absolute, Gauge Stove Pipe
Case 344E–01
MPX200AS
MPX200GS
MPX200A
MPX200D
Gauge Axial
Case 344F–01
MPX200ASX
MPX200GSX
MPX200A
MPX200D
Gauge Vacuum Axial
Case 344G–01
MPX200GVSX
MPX200D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com