Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT3906 Datasheet(PDF) 2 Page - First Components International

Part # FMBT3906
Description  PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBT3906 Datasheet(HTML) 2 Page - First Components International

  FMBT3906 Datasheet HTML 1Page - First Components International FMBT3906 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
FMBT3906 PNP General
Purpose Transistor
Symbol
Min
Max
Unit
H
FE
---
60
---
80
---
100
300
60
---
30
---
V
CE(sat)
Vdc
---
0.25
---
0.4
V
BE(sat)
Vdc
0.65
0.85
---
0.95
DC Current Gain
(I
C = -0.1 mAdc, VCE = -1.0 Vdc)
(I
C = -1.0 mAdc, VCE = -1.0 Vdc)
(I
C = -10 mAdc, VCE = -1.0 Vdc)
(I
C = -50 mAdc, VCE = -1.0 Vdc)
(I
C = -100 mAdc, VCE = -1.0 Vdc)
Collector - Emitter Saturation Voltage (Note 3)
(I
C = -10 mAdc, IB = -1.0 mAdc)
(I
C = -50 mAdc, IB = -5.0 mAdc)
Base - Emitter Saturation Voltage (Note 3)
(I
C = -10 mAdc, IB = -1.0 mAdc)
(I
C = -50 mAdc, IB = -5.0 mAdc)
f
T
250
---
MHz
C
obo
---
4.5
pF
C
ibo
---
10
pF
h
ie
2.0
12
kΩ
h
re
0.1
10
x10-4
h
fe
100
400
---
h
oe
3.0
60
µmhos
NF
---
4.0
dB
Switching Characteristic
Small-Signal Characteristic
On Characteristic
Current - Gain - Bandwidth Product
(I
C = -10 mAdc, VCE = -20 Vdc, f = 100 MHz)
Output Capacitance
(V
CB = -5.0 Vdc, IE = 0, f = 1.0 MHz)
Input Capacitance
(V
EB = -0.5 Vdc, IC = 0, f = 1.0 MHz)
Input Impedance
(V
CE = -10 Vdc, IC = -1.0 mAdc, f = 1.0 kHz)
Voltage Feedback Ratio
(V
CE = -10 Vdc, IC = -1.0 mAdc, f = 1.0 kHz)
Small - Signal Current Gain
(V
CE = -10 Vdc, IC = -1.0 mAdc, f = 1.0 kHz)
Output Admittance
(V
CE = -10 Vdc, IC = -1.0 mAdc, f = 1.0 kHz)
Noise Figure
(V
CE = -5.0 Vdc, IC = -100 µAdc, RS = 1.0 kΩ, f = 1.0 kHz)
Delay Time
(V
CC = -3.0 Vdc, VBE = 0.5 Vdc,
Rise Time
I
C = -10 mAdc, IB1 = -1.0 mAdc)
Storage Time
(V
CC = -3.0 Vdc, IC = -10 mAdc,
Fall Time
I
B1 = IB2 = -1.0 mAdc)
t
d
---
35
ns
t
r
---
35
t
s
---
225
ns
t
f
---
75
Electrical Characteristics @ 25oC
Off Characteristic
Symbol
Min
Max
Unit
Collector - Emitter Breakdown Voltage (Note 3)
(I
C = 1.0mAdc, IB = 0)
Collector - Base Breakdown Voltage
(I
C = -10µAdc, IE = 0)
Emitter - Base Breakdown Voltage
(I
E = -10µAdc, IC = 0)
Base Cutoff Current
(V
CE = -30Vdc, VEB = -3.0Vdc)
Collector Cutoff Current
(V
CE = -30Vdc, VEB = -3.0Vdc)
V
BR(CEO)
-40
---
Vdc
V
BR(CBO)
-40
---
Vdc
V
BR(EBO)
-5.0
---
Vdc
I
BL
---
-50
nAdc
I
CEX
---
-50
nAdc



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com