Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1011T-I/SS Datasheet(PDF) 3 Page - Microchip Technology

Part # AR1011T-I/SS
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/SS Datasheet(HTML) 3 Page - Microchip Technology

  AR1011T-I/SS Datasheet HTML 1Page - Microchip Technology AR1011T-I/SS Datasheet HTML 2Page - Microchip Technology AR1011T-I/SS Datasheet HTML 3Page - Microchip Technology AR1011T-I/SS Datasheet HTML 4Page - Microchip Technology AR1011T-I/SS Datasheet HTML 5Page - Microchip Technology AR1011T-I/SS Datasheet HTML 6Page - Microchip Technology AR1011T-I/SS Datasheet HTML 7Page - Microchip Technology AR1011T-I/SS Datasheet HTML 8Page - Microchip Technology AR1011T-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 3
Special Features:
• RoHS Compliant
• Power-Saving Sleep mode
• Industrial Temperature Range
• Built-in Drift Compensation Algorithm
• 128 Bytes of User EEPROM
Power Requirements:
• Operating Voltage: 2.5-5.0V ±5%
• Standby Current:
- 5V: 85 uA, typical; 125 uA (maximum)
- 2.5V: 40 uA, typical; 60 uA (maximum)
• Operating “No touch” Current:
- 3.0 mA (typical)
• Operating “Touch” Current:
- 17 mA, typical, with a touch sensor having
200
 layers.
- Actual current is dependent on the touch
sensor used
• AR1011/AR1021 Brown-Out Detection (BOR) set
to 2.2V.
Touch Modes:
• Off, Stream, Down, Up and more.
Touch Sensor Support:
• 4-Wire, 5-Wire and 8-Wire Analog Resistive
• Lead-to-Lead Resistance: 50-2,000
typical)
• Layer-to-Layer Capacitance: 0-0.5 uF
• Touch Sensor Time Constant: 500 us (maximum)
Touch Resolution:
• 10-bit Resolution (maximum)
Touch Coordinate Report Rate:
• 140 Reports Per Second (typical) with a Touch
Sensor of 0.02 uF with 200
 Layers
• Actual Report Rate is dependent on the Touch
Sensor used.
Communications:
• SPI, Slave mode, p/n AR1021
•I2CTM, Slave mode, p/n, AR1021
• UART, 9600 Baud Rate, p/n AR1011
AR1000 SERIES RESISTIVE TOUCH
SCREEN CONTROLLER
AR1000 Series Resistive Touch Screen Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com