Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1020-I/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # AR1020-I/SS
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020-I/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button AR1020-I/SS Datasheet HTML 35Page - Microchip Technology AR1020-I/SS Datasheet HTML 36Page - Microchip Technology AR1020-I/SS Datasheet HTML 37Page - Microchip Technology AR1020-I/SS Datasheet HTML 38Page - Microchip Technology AR1020-I/SS Datasheet HTML 39Page - Microchip Technology AR1020-I/SS Datasheet HTML 40Page - Microchip Technology AR1020-I/SS Datasheet HTML 41Page - Microchip Technology AR1020-I/SS Datasheet HTML 42Page - Microchip Technology AR1020-I/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
 2009-2012 Microchip Technology Inc.
Preliminary
DS41393B-page 39
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
9.3.4.1
AR1010/AR1020 Calibrate
Response
A successful CALIBRATE command results in 5
response packets being sent to the host.
Once the response has been received for the
completed 4th target, a delay of one second must be
implemented prior to sending any commands to the
controller. This one second delay insures all data has
been completely written to the EEPROM.
9.3.4.2
AR1011/AR1021 Calibrate
Response
A successful CALIBRATE command results in six
response packets being sent to the host.
Send:
<0x55><0x02><0x14><Calibration Type>
Calibration Type
Description
0x04
4 point
Receive: <0x55><0x02><0x00><0x14>
for initial command response
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #1
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #2
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #3
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #4
Send:
<0x55><0x02><0x14><Calibration Type>
Calibration Type
Description
0x04
4 point
Receive: <0x55><0x02><0x00><0x14>
for initial command response
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #1
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #2
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #3
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #4
<0x55><0x02><0x00><0x14>
Response after EEPROM has been written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com