Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CK45-R3FD681K-GRA Datasheet(PDF) 1 Page - TDK Electronics

Part # CK45-R3FD681K-GRA
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45-R3FD681K-GRA Datasheet(HTML) 1 Page - TDK Electronics

  CK45-R3FD681K-GRA Datasheet HTML 1Page - TDK Electronics CK45-R3FD681K-GRA Datasheet HTML 2Page - TDK Electronics CK45-R3FD681K-GRA Datasheet HTML 3Page - TDK Electronics CK45-R3FD681K-GRA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• All specifications are subject to change without notice.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Issue date:
July 2011
Mid-high Voltage Ceramic Capacitors
CK45-RR series
Disk type with lead
Low dissipation at high frequency
General use


Similar Part No. - CK45-R3FD681K-GRA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-R3AD101KAGRA TDK-CK45-R3AD101KAGRA Datasheet
124Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD101KANRA TDK-CK45-R3AD101KANRA Datasheet
124Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD101KAVRA TDK-CK45-R3AD101KAVRA Datasheet
124Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD102K-NRA TDK-CK45-R3AD102K-NRA Datasheet
84Kb / 4P
Mid-high Voltage Ceramic Capacitors
CK45-R3AD102KAGRA TDK-CK45-R3AD102KAGRA Datasheet
127Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Similar Description - CK45-R3FD681K-GRA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD102KAGRA TDK-CK45-R3AD102KAGRA Datasheet
127Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD151KAGRA TDK-CK45-R3AD151KAGRA Datasheet
124Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD151KAVRA TDK-CK45-R3AD151KAVRA Datasheet
124Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com