Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CK45-R3FD151K-GRA Datasheet(PDF) 3 Page - TDK Electronics

Part # CK45-R3FD151K-GRA
Description  Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45-R3FD151K-GRA Datasheet(HTML) 3 Page - TDK Electronics

  CK45-R3FD151K-GRA Datasheet HTML 1Page - TDK Electronics CK45-R3FD151K-GRA Datasheet HTML 2Page - TDK Electronics CK45-R3FD151K-GRA Datasheet HTML 3Page - TDK Electronics CK45-R3FD151K-GRA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(2/3)
003-02 / 20110711 / e4937_rr.fm
• All specifications are subject to change without notice.
CAPACITANCE AND DIMENSIONS
TEMPERATURE CHARACTERISTICS: R(+15, –30%)
RATED VOLTAGE Edc: 2kV
∗
: Lead shape symbol
• 1kV and 2kV are E6 series standard products.
RATED VOLTAGE Edc: 3kV
∗
: Lead shape symbol
LIST OF STANDARD LEAD SHAPES
The lead type is indicated by the letter which is the 15th character of the product name.
Dimensions in mm
• We recommend using a vertical kink type.
• For bulk products, we recommend a short lead type with the symbol N.
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-R3DD101K-
∗RA
CK45-R3DD101K-
∗R
100
6.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3DD151K-
RA
CK45-R3DD151K-
R
150
6.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3DD221K-
RA
CK45-R3DD221K-
R
220
7.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3DD331K-
RA
CK45-R3DD331K-
R
330
7.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3DD471K-
RA
CK45-R3DD471K-
R
470
8.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3DD681K-
RA
CK45-R3DD681K-
R
680
9.5
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3DD102K-
RA
CK45-R3DD102K-
R
1,000
11.0
5.0
5.0±1.5
0.6±0.05
V1
CK45-R3DD152K-
RA
CK45-R3DD152K-
R
1,500
12.0
5.0
7.5±1.5
0.6±0.05
V2
CK45-R3DD222K-
RA
CK45-R3DD222K-
R
2,200
14.5
5.0
7.5±1.5
0.6±0.05
V3
CK45-R3DD332K-
RA
CK45-R3DD332K-
R
3,300
17.0
5.0
10.0±2
0.6±0.05
—
CK45-R3DD472K-
RA
CK45-R3DD472K-
R
4,700
19.5
5.0
10.0±2
0.6±0.05
—
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CK45-R3FD101K-
∗RA
CK45-R3FD101K-
∗R
100
6.0
6.0
7.5±1.5
0.6±0.05
V2
CK45-R3FD151K-
RA
CK45-R3FD151K-
R
150
7.0
6.0
7.5±1.5
0.6±0.05
V2
CK45-R3FD221K-
RA
CK45-R3FD221K-
R
220
7.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-R3FD331K-
RA
CK45-R3FD331K-
R
330
8.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-R3FD471K-
RA
CK45-R3FD471K-
R
470
9.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-R3FD681K-
RA
CK45-R3FD681K-
R
680
10.5
6.0
7.5±1.5
0.6±0.05
V2
CK45-R3FD102K-
RA
CK45-R3FD102K-
R
1,000
12.0
6.0
7.5±1.5
0.6±0.05
V2
CK45-R3FD152K-
RA
CK45-R3FD152K-
R
1,500
14.5
6.0
7.5±1.5
0.6±0.05
V3
CK45-R3FD222K-
RA
CK45-R3FD222K-
R
2,200
16.5
6.0
10.0±2
0.6±0.05
—
Long lead
Short lead
Taping
Vertical kink
Symbol G
Symbol N
Symbol V
Example) TDK Product Name: CK45-R3AD102K-NRA
N: Lead type (Vertical kink, Short)
D
T
F
d
D
T
F
d
D
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com