Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1000 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LPC1000
Description  Learn embedded programming with NXP?셲 LPC1000 family of Cortex-M0/M3 microcontrollers!
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPC1000 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LPC1000 Datasheet HTML 17Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 18Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 19Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 20Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 21Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 22Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 23Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 24Page - List of Unclassifed Manufacturers LPC1000 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
LPCXpresso Experiment Kit - User’s Guide
Page 21
Copyright 2013 © Embedded Artists AB
Resistor, 2 Kohm, 16 pcs
R43, R44, R45, R46,
R47, R48, R49, R50,
R51, R52, R53, R54,
R55, R56, R57, R58
http://en.wikipedia.org/
wiki/Resistor
This is a surface mounted
component and can only be
soldered to the pcb (i.e., not
used on the bread board).
This is not a polarized
component.
Panasonic: ERJ-6ENF2001V
Digikey: P2.00KCCT-ND
Piezo buzzer, 1 pcs
SP1
http://en.wikipedia.org/
wiki/Buzzer
This component is polarized.
One pin is longer than the
other. The longer pin is the
positive side. The top label
also indicates this side with a
small plus sign.
CUI Inc.: CEP-2242
Digikey: 102-1115-ND
Pushbuttons, 5 pcs
SW1-SW5
This component and can
only be soldered to the pcb
(i.e., not used on the bread
board). The reason for this is
that the pins are too short to
get reliable connection on
the bread board. There are
two other special switches in
the component kit that are
suitable for bread board
usage.
Omron: B3F-1000
Digikey: SW400-ND
Mouser: 653-B3F-1000
Pushbuttons for
breadboard, 2 pcs
These switches are for
breadboard usage. Note that
the pins must be cut to
suitable length before
mounted in the breadboard.
Panasonic: EVQ-11L05R
Digikey: P8079SCT-ND
Mouser: 667-EVQ-11L05R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com