Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7136-2 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7136-2
Description  30mA Low Power LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7136-2 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7136-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7136-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7136-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7136-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7136-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7136-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7136-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7136-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7136-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. 1.00
3
April 10, 2013
HT71xx-2
Electrical Characteristics
HT7121-2, +2.1V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4.1V IOUT=10mA
2.079
2.100
2.121
V
IOUT
Output Current
4.1V
—
20
30
—
mA
∆VOUT
Load Regulation
4.1V 1mA≤IOUT≤20mA
—
15
45
mV
VDIF
Voltage Drop (Note)
— IOUT=1mA, ∆VOUT=2%
—
35
100
mV
ISS
Current Consumption
4.1V No load
—
2.5
4.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
— 3.1V≤VIN≤30V, IOUT=1mA
—
0.1
0.2
%/V
VIN
Input Voltage
—
—
—
—
30
V
D V OU T
D T a ´ V OU T
Temperature Coefficient 4.1V IOUT=10mA, -40°C<Ta<85°C
—
±100
—
ppm/°C
Note:Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2Vwithafixedload.
HT7123-2, +2.3V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4.3V IOUT=10mA
2.277
2.300
2.323
V
IOUT
Output Current
4.3V
—
20
30
—
mA
∆VOUT
Load Regulation
4.3V 1mA≤IOUT≤20mA
—
15
45
mV
VDIF
Voltage Drop (Note)
— IOUT=1mA, ∆VOUT=2%
—
35
100
mV
ISS
Current Consumption
4.3V No load
—
2.5
4.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
— 3.3V≤VIN≤30V, IOUT=1mA
—
0.1
0.2
%/V
VIN
Input Voltage
—
—
—
—
30
V
D V OU T
D T a ´ V OU T
Temperature Coefficient
4.3V IOUT=10mA, -40°C<Ta<85°C
—
±100
—
ppm/°C
Note:Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2Vwithafixedload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com