Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2200DP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX2200DP
Description  0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200DP Datasheet(HTML) 4 Page - Motorola, Inc

  MPX2200DP Datasheet HTML 1Page - Motorola, Inc MPX2200DP Datasheet HTML 2Page - Motorola, Inc MPX2200DP Datasheet HTML 3Page - Motorola, Inc MPX2200DP Datasheet HTML 4Page - Motorola, Inc MPX2200DP Datasheet HTML 5Page - Motorola, Inc MPX2200DP Datasheet HTML 6Page - Motorola, Inc MPX2200DP Datasheet HTML 7Page - Motorola, Inc MPX2200DP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX2200 MPX2201 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die from the environment. The differential
or gauge sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2. The absolute sensor is de-
signed for vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2200A
MPX2200D
344–15–
Stainless Steel Cap
MPX2200DP
MPX2201DP
344C–01
Side with Part Marking
MPX2200AP
MPX2200GP
MPX2201GP
344B–01
Side with Port Attached
MPX2200GVP
344D–01
Stainless Steel Cap
MPX2200AS
MPX2200GS
344E–01
Side with Port Attached
MPX2200GVS
344A–01
Stainless Steel Cap
MPX2200ASX
MPX2200GSX
MPX2201GSX
344F–01
Side with Port Attached
ORDERING INFORMATION
MPX2200 series pressure sensors are available in absolute, differential and gauge configurations. Devices are available in
the basic element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose
pressure connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Differential
Case 344–15
MPX2200A
MPX2200D
MPX2200A
MPX2200D
Ported Elements
Differential
Case 344C–01
MPX2200DP
MPX2201DP
MPX2200DP
MPX2201DP
Absolute, Gauge
Case 344B–01
MPX2200AP
MPX2200GP
MPX2201GP
MPX2200AP
MPX2200GP
MPX2201GP
Gauge Vacuum
Case 344D–01
MPX2200GVP
MPX2200GVP
Absolute, Gauge Stove Pipe
Case 344E–01
MPX2200AS
MPX2200GS
MPX2200A
MPX2200D
Gauge Vacuum Stove Pipe
Case 344A–01
MPX2200GVS
MPX2200D
Absolute, Gauge Axial
Case 344F–01
MPX2200ASX
MPX2200GSX
MPX2201GSX
MPX2200A
MPX2200D
MPX2201D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com