Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2280 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT85F2280
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2280 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT85F2280 Datasheet HTML 35Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 36Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 37Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 38Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 39Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 42Page - Holtek Semiconductor Inc HT85F2280 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 226 page
background image
Rev. 1.00
�9 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Byte Read Operation
The Flash memory must be first unlocked before implementing a byte read procedure. The flash
memory address is setup using the control registers, FMAR0, FMAR1 and FMAR2. The Flash
Memory Page Read function is selected by the control bit, FMCR.1, in the FMCR register. When
the FMCR.7 bit is set high the Byte Read procedure will be initiated. When the procedure is ready,
the MCU will continue to run automatically. The following flowchart illustrates the Byte Read
procedure.
START
END
Write F�AR�
Write F�AR1
Write F�AR0
Flash memor� controller must be
In unlocked state
F�CR Bit 1 = 1
This will trigger b�te-reading action
F�CR Bit 7 = 1
Read F�DR
End Reading
Yes
No
Check F�SR Bit 1 = 1
Yes
No
Byte Read Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com